Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC939LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC939LP4
Description  1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC939LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC939LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC939LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC939LP4 / 939LP4E
v01.1211
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Pad Number
Function
Description
Interface Schematic
1
Vss
Negative Bias -5V
2-4, 6-13,
15-17, 19
n/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
5, 14
RF1, RF2
These pins are DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
18
Vdd
Positive Bias +5V
20 - 24
P0 - P4
See truth table and control voltage table.
GND
Package bottom must be connected to RF/DC ground.
Pin Descriptions
Truth Table
Control Voltage Input
Attenuation
State
RF1 - RF2
P4
16 dB
P3
8 dB
P2
4 dB
P1
2 dB
P0
1 dB
High
High
High
High
High
Reference I.L.
High
High
High
High
Low
1 dB
High
High
High
Low
High
2 dB
High
High
Low
High
High
4 dB
High
Low
High
High
High
8 dB
Low
High
High
High
High
16 dB
Low
Low
Low
Low
Low
31 dB
Any Combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com