Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GA-G Datasheet(PDF) 4 Page - Comchip Technology

Part # FR207GA-G
Description  Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR207GA-G Datasheet(HTML) 4 Page - Comchip Technology

  FR207GA-G Datasheet HTML 1Page - Comchip Technology FR207GA-G Datasheet HTML 2Page - Comchip Technology FR207GA-G Datasheet HTML 3Page - Comchip Technology FR207GA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:A
Comchip Technology CO., LTD.
Fast Recovery Rectifiers
Standard Packaging
Marking Code
XXX = Product type marking code
FRXXXG
Marking code
FR201G
FR202G
FR203G
FR204G
FR205G
FR206G
FR207G
FR201G
Part Number
FR201GT-G
FR202GT-G
FR203GT-G
FR204GT-G
FR205GT-G
FR206GT-G
FR207GT-G
FR201GB-G
FR202GB-G
FR203GB-G
FR204GB-G
FR205GB-G
FR206GB-G
FR207GB-G
FR201GA-G
FR202GA-G
FR203GA-G
FR204GA-G
FR205GA-G
FR206GA-G
FR207GA-G
Packaging
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
BULK
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO PACK
REEL PACK
Code
A
T
BULK PACK
B
Case Type
DO-15
500
BOX
( pcs )
BULK PACK
CARTON
( pcs )
12,000
Case Type
DO-15
3,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
30,000
Case Type
DO-15
4,000
REEL
( pcs )
REEL PACK
Reel Size
(inch)
13
FR202G
FR203G
FR204G
FR205G
FR206G
FR207G
FR201G
FR202G
FR203G
FR204G
FR205G
FR206G
FR207G
QW-BF010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com