Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GA-G Datasheet(PDF) 2 Page - Comchip Technology

Part # FR207GA-G
Description  Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR207GA-G Datasheet(HTML) 2 Page - Comchip Technology

  FR207GA-G Datasheet HTML 1Page - Comchip Technology FR207GA-G Datasheet HTML 2Page - Comchip Technology FR207GA-G Datasheet HTML 3Page - Comchip Technology FR207GA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (FR201G-G Thru. FR207G-G)
Fig.3 - Peak Forward Surge Current
0
Number of Cycles at 60Hz
1
Fig.1 - Forward Current Derating Curve
Ambient Temperature, (°C)
0
25
75
175
0
1.5
2.5
100
60
3.0
Fig.2 - Typical Forward Characteristics
0.1
Instantaneous Forward Voltage, (V)
10
0.01
1.0
100
125
1.0
2.0
50
150
0.5
10
0.4
0.8
1.0
1.6
0.2
1.2
0.6
Single phase half wave
Resistive or inductive load
40
single half-sine-wave
1.4
Fast Recovery Rectifiers
Pulse width 8.3 ms
20
80
Fig.4 - Typical Junction Capacitance
10
Reverse Voltage, (V)
10
100
100
1
1
TJ = 25°C , f = 1MHz
TJ = 25°C
Pulse width = 300us
100
QW-BF010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com