Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GA-G Datasheet(PDF) 1 Page - Comchip Technology

Part # FR207GA-G
Description  Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR207GA-G Datasheet(HTML) 1 Page - Comchip Technology

  FR207GA-G Datasheet HTML 1Page - Comchip Technology FR207GA-G Datasheet HTML 2Page - Comchip Technology FR207GA-G Datasheet HTML 3Page - Comchip Technology FR207GA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current
Maximum instantaneous forward
voltage at
current
specified
Maximum
reverse current
DC
Operating temperature range
Storage temperature range
Maximum reverse recovery time (Note 1)
50
35
50
VB
VR
VDC
IF
VF
IR
trr
TJ
TSTG
2.0
5.0
-55 ~ +150
-55 ~ +150
V
V
V
A
ns
°C
°C
Maximum repetitive peak
@IT = 5μA
NOTES:
1. R
test conditions: IF=0.5A, IR=1.0A, IRR=0.25A(RGI circuit)
everse recovery
Voltage: 50 to 1000 V
Current: 2.0 A
RoHS Device
Dimensions in inches and (millimeter)
DO-15
Features
-Glass passivated chip.
-High current capability.
-Low forward voltage.
Mechanical data
-Case: JEDEC DO-15 molded plastic.
-Polarity: Color band denotes cathode end.
-Lead: Solderable per MIL-STD-202,
method 208 guaranteed.
-Mounting position: Any
-Weight: 0.402 grams
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
FR201G-G Thru. FR207G-G
Page 1
QW-BF010
Fast Recovery Rectifiers
REV:A
Comchip Technology CO., LTD.
0.300(7.63)
1.000(25.40) Min.
0.142(3.61) DIA.
0.033(0.84) DIA.
0.028(0.71) DIA.
0.102(2.60) DIA.
0.230(5.85)
1.000(25.40) Min.
150
250
-Epoxy: UL
retardant.
94V-0 rate flame
1000
700
1000
1.3
μA
V
-High reliability.
-High surge current capability.
Symbol
Unit
FR
201G-G
FR
202G-G
FR
203G-G
FR
204G-G
FR
205G-G
FR
206G-G
FR
207G-G
500
reverse voltage
@TA=25°C
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)


Similar Part No. - FR207GA-G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR207G CHENYI-FR207G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR207GA-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com