Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016EP Datasheet(PDF) 49 Page - Davicom Semiconductor, Inc.

Part # DM9016EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016EP Datasheet(HTML) 49 Page - Davicom Semiconductor, Inc.

Back Button DM9016EP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 53Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
DM9016
3-port switch with Processor Interface
Preliminary datasheet
49
DM9016-13-DS-P01
March 26, 2009
8. PHY Registers
MII Register Description
ADD
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
Loop
back
Speed
select
Auto-N
Enable
Power
Down
Isolate
Restart
Auto-N
Full
Duplex
Coll.
Test
Reserved
00H CONTR
OL
0
0
1
1
0
0
0
1
0
000_0000
T4
Cap.
TX FDX
Cap.
TX HDX
Cap.
10 FDX
Cap.
10 HDX
Cap.
Reserved
Pream.
Supr.
Auto-N
Compl.
Remote
Fault
Auto-N
Cap.
Link
Status
Jabber
Detect
Extd
Cap.
01H STATUS
0
1
1
1
1
0000
1
0
0
1
0
0
1
02H PHYID1
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
PHYID2
1
0
1
1
1
0
Model No.
Version No.
03H
01011
0000
04H Auto-Neg.
Advertise
Next
Page
FLP Rcv
Ack
Remote
Fault
Reserved
FC
Adv
T4
Adv
TX FDX
Adv
TX HDX
Adv
10 FDX
Adv
10 HDX
Adv
Advertised Protocol Selector Field
05H Link Part.
Ability
LP
Next
Page
LP
Ack
LP
RF
Reserved
LP
FC
LP
T4
LP
TX FDX
LP
TX HDX
LP
10 FDX
LP
10 HDX
Link Partner Protocol Selector Field
06H Auto-Neg.
Expansio
n
Reserved
Pardet
Fault
LP Next
Pg Able
Next Pg
Able
New Pg
Rcv
LP AutoN
Cap.
10H Specifie
d
Config.
BP
4B5B
BP
SCR
BP
ALIGN
BP_ADP
OK
Reserve
dr
TX
Reserve
d
Reserve
d
Force
100LNK
Reserve
d
Reserve
d
RPDCTR
-EN
Reset
St. Mch
Pream.
Supr.
Sleep
mode
Remote
LoopOut
11H Specifie
d
Conf/Stat
100
FDX
100
HDX
10
FDX
10 HDX Reserve
d
Reverse
d
Reverse
d
PHY ADDR [4:0]
Auto-N. Monitor Bit [3:0]
12H
10T
Conf/Stat
Rsvd
LP
Enable
HBE
Enable
SQUE
Enable
JAB
Enable
Reserve
d
Reserved
Polarity
Reverse
13H PWDOR
Reserved
PD10DR
V
PD100l
PDchip
PDcrm
PDaeq
PDdrv
PDecli
PDeclo
PD10
14H Specifie
d config
TSTSE
1
TSTSE
2
FORCE
_TXSD
FORCE
_FEF
PREA
MBLEX
TX10M
_PWR
NWAY
_PWR
Reserv
ed
MDIX_
CNTL
AutoNe
g_dlpbk
Mdix_fix
Value
Mdix_d
own
MonSel
1
MonSel
0
Reserv
ed
PD_val
ue
16H RCVER
Receiver Error Counter
17H DIS_conn
ect
Reversed
Disconnect_counter
1DH PSCR
Reversed
PREA
MBLE
X
AMPLIT
UDE
TX_P
WR
Reversed
1EH DATA
indirect data
1FH ADDR
indirect address
Key to Default
In the register description that follows, the default
column takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
<Access Type>:
RO = Read only,
RW = Read/Write
<Attribute (s)>:
SC = Self clearing, P = Value permanently set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com