Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016EP Datasheet(PDF) 19 Page - Davicom Semiconductor, Inc.

Part # DM9016EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016EP Datasheet(HTML) 19 Page - Davicom Semiconductor, Inc.

Back Button DM9016EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9016EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
DM9016
3-port switch with Processor Interface
Preliminary datasheet
19
DM9016-13-DS-P01
March 26, 2009
5.10.2 Strap pin in 2-port mode
Pin No.
Pin Name
Description
50
51
EECK
EEDO
Processor Data Bus Width
EECK
EEDO
data width
0
0
16-bit (default)
0
1
32-bit
1
0
8-bit
1
1
(reserved)
52
EECS
Source of System Clock
0: system clock is internal 50MHz clock (default)
1: use SCLK pin as system clock
55
MDC
Polarity of IRQ
0: IRQ pin high active (default)
1: IRQ pin low active
58
TXD2_3
ISA pin control
0: GP6/5 as normal usage (default)
1: GP6 as IO16, GP5 as IOWAIT
59
TXD2_2
Port 2 force mode
0: Port 2 status from external PHY (N-way)
1: Port 2 in force mode
60
61
TXD2_1
TXD2_0
Port 2 mode
TXD2_1, TXD2_0
0
0
Port 2 is MII mode (default)
0
1
Port 2 is Reverse-MII mode
1
0
Port 2 is RMII mode
1
1
(reserved)
63
TXEN2
Disabled Port Selection
0: Port 2 is disabled (default)
1: Port 1 is disabled
115
GP2
Port 2 Force mode Speed is: (when TXD2_2 pulled high)
0: 100Mbps
1: 10Mbps
114
GP3
Port 2 Force mode Duplex is : (when TXD2_2 pulled high)
0: full-duplex
1: half-duplex
113
GP4
Port 2 Force mode Link is: (when TXD2_2 pulled high)
0: link
1: non-link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com