Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9620EP Datasheet(PDF) 49 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 49 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 53Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
DM9620
USB2.0 to Fast Ethernet Controller
Preliminary
49
Version: DM9620 -15-DS-P02
February 20, 2012
Endpoint3 Descriptor/6-Byte
Offset
Field
Size
Value
Description
0
bLength
1
07H
Size of this descriptor
1
bDescriptorType
1
05H
ENDPOINT Descriptor Typr
2
bEndpointAddress
1
83H
Address of the endpoint
Bit3~0: The endpoint number
Bit 6~4: Reserved(0)
Bit7 : Direction(Control EP exclude)
0 = OUT endpoint
1 = IN endpoint
3
bmAttributes
1
03H
EP's attributes
Bit1~0: Transfer Type
00 = Control
01 = Isochronous
10 = Bulk
11 = Interrupt
4
wMaxPacketSize
2
0008H Maximum packet size of this EP
6
bInterval
1
01H
Interval for polling (periodical pipe)
Interrupt Tpye = 1 ~ 255 (ms)
Isochronoous Type = 1 (ms)
String0 Descriptor/Code array
Offset
Field
Size
Value
Description
0
bLength
1
04H
Size of this descriptor
1
bDescriptorType
1
03H
STRING Descriptor Type
2
wLANGID[1]
2
0409H
LANGID code(Eng.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com