Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9620EP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
DM9620
USB2.0 to Fast Ethernet Controller
Preliminary
21
Version: DM9620 -15-DS-P02
February 20, 2012
4.9 RX/TX Flow Control Register ( 0AH )
Bit
Name
Default
Description
7
TXP0
PHS0,RW
Force to TX Pause Packet with Time 0000H,:
This bit will be automatically cleared after pause packet transmission
completion.
Set to TX pause packet with time = 0000H
6
TXPF
PHS0,RW
Force to TX Pause Packet with Time FFFFH:
This bit will be automatically cleared after pause packet transmission
completion.
Set to TX pause packet with time = FFFFH.
5
TXPEN
PHS0,RW
TX Pause Packet Enable
Enable the pause packet for high/low water threshold of register 09H in
full-duplex mode.
4
BKPA
PHS0,RW
Back Pressure Packet Mode Enable:
Generate a jam pattern when any packet coming and RX SRAM over BPHW
of register 8H in half-duplex mode.
3
BKPM
PHS0,RW
Back Pressure DA Mode.
Generate a jam pattern when a packet’s DA match and RX SRAM over
BPHW of register 8H in half-duplex mode.
2
RXPS
PHS0,RW/C
RX Pause Packet Status:
This bit latched the RX pause packet in full-duplex mode.
This bit can be cleared by write “1” to this bit or cleared automatically after
read if register 0H bit 5 is “0”.
1
RXPCS
PHS0,RO
RX Pause Packet Current Status:
When set, it indicated that the pause timer is not down count to “0” yet.
0
FLCE
PHS0,RW
Flow Control Enable
When set, it enable the flow control mode(i.e. can to disable TX function).
4.10 EEPROM & PHY Control Register ( 0BH )
Bit
Name
Default
Description
7
NO_EEP
P0,RO
EEPROM Absent
When set, it indicates the EEPROM 93C46 or 93C56/66 is not detected.
6
EE_TYPE
P0,RO
EEPROM type
0: 93C46
1: 93C56/66
5
REEP
PH0,RW
Reload EEPROM.
When set, the EEPROM is re-loaded.
Driver needs to clear it after operation complete.
4
WEP
PH0,RW
Write EEPROM enable
The written ability of EEPROM is enabled.
3
EPOS
PH0,RW
EEPROM or PHY Operation Select
When reset, select EEPROM;
when set, select PHY.
2
ERPRR
PH0,RW
EEPROM Read or PHY Register Read Command.
Write “1” to start EEPROM or PHY read operation.
This bit will be cleared after the completion of read operation.
1
ERPRW
PH0,RW
EEPROM Write or PHY Register Write Command.
Write “1” to start EEPROM or PHY write operation.
This bit will be cleared after the completion of write operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com