Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9620EP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
DM9620
USB2.0 to Fast Ethernet Controller
Preliminary
13
Version: DM9620 -15-DS-P02
February 20, 2012
Flash if traffic on Ethernet
3.2.7 10/100 PHY
63
SD
I
Fiber Signal Detection
64
RXGND
P
RX ground.
65
BGGND
P
Bandgap ground.
2
BGRES
I/O
Bandgap pin. Connect 6.98K 1% resister to BGGND
3
AVCC18
O
1.8V power out for RX power
4
RX+
I/O
TP RX input
5
RX-
I/O
TP RX input
6
RXGND
P
RX ground
7
TXGND
P
TX ground
8
TX+
I/O
TP TX output
9
TX-
I/O
TP TX output
10
AVCC18
O
1.8V power out for TX power
3.2.8 Miscellaneous
35
SMI_D
I
Serial Management Interface Data
Tie to ground in application.
36
SMI_CK
I
Serial Management Interface Clock
Tie to ground in application..
This pin can also as a GPIO wakeup event defined in register 0FH.
45
VBUS_IN
I
VBUS input (Connect to USB5V, USB connector)
Tie to high in bus power mode
47
WOL
O
Issue a wake-up signal when wake-up event happens.
48
RSTB
I
Hardware Reset
Active low signal to initiate the DM9620.
44
TEST2
I
Test Mode 2, tie to ground in application.
42
TEST1
I
Test Mode 1
0: pins 11-13,15-16,18-22,24-27,33-34 as MII, RMII, Reverse MII
interface
1: pins 11-13,15-16,18-22,24-27,33-34 as GPIO controlled by
registers 34H~37H
3.2.9 Power
14,32,43,
59
VCC3
P
Digital VCC 3.3V
17,23,37,
46,62
GND
P
Digital GND
3.2.10 GPIO (TEST1 set to 1)
Pin No.
Pin Name
Type
Description
11
GPIO2_0
I/O
GPIO2_0 in GPIO mode
12,13,15,16
GPIO2_1~4
I/O
GPIO2_1~4 in GPIO mode
18
GPIO2_5
I/O
GPIO2_5 in GPIO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com