Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB2C4P Datasheet(PDF) 3 Page - Dialight Corporation

Part # HB2C4P
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB2C4P Datasheet(HTML) 3 Page - Dialight Corporation

  HB2C4P Datasheet HTML 1Page - Dialight Corporation HB2C4P Datasheet HTML 2Page - Dialight Corporation HB2C4P Datasheet HTML 3Page - Dialight Corporation HB2C4P Datasheet HTML 4Page - Dialight Corporation HB2C4P Datasheet HTML 5Page - Dialight Corporation HB2C4P Datasheet HTML 6Page - Dialight Corporation HB2C4P Datasheet HTML 7Page - Dialight Corporation HB2C4P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.dialight.com
DuroSite
® LED High Bay Fixture
Mechanical Information
Fixture Weight:
17 lbs (7.7 kg)
Shipping Weight:
23 lbs (10.43 kg)
Mounting:
(1) 3/4” NPT
(2) 5/16”-18 x .75” UNC
Cabling:
10' (3.5m) SOOW Power Cord
Electrical specifications
Operating Voltage:
100 – 277V AC for models up to 12,000lm
120 – 277V AC for 14,500lm & 17,500lm
Total System
Power Consumption:
See table
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Harmonics:
IEC 61000-3-2
Transient Protection:
1 kV line to line
2 kV line to ground
Power Factor:
> 0.9
Fusing:
Internal on black wire
Construction
Housing:
Powder coated aluminum
Finish:
Polyester / epoxy powder coat gray RAL 7040
for superior corrosion resistance
Lens:
Acrylic - UL1598 dry location
Polycarbonate - UL1598A wet location
Polycarbonate dome lens
Tempered glass
Photometric Information
CRI:
72
CCT:
5,650K (cool white)
4,300K (neutral white)
All values typical unless otherwise stated
Dimensions in Inches [mm]
6.88
[174.75]
1.88 [47.75]
16.00
[406.40]
10’ [3.05m]
Cord
16.00
[406.40]
5/16”-18 X .75” THREADED (2)
3.00
[76.20]
1.95
[49.53]
Application:
Dialight’s DuroSite
®
LED High Bay fixture was designed specifically to
replace conventional lighting in a wide variety of industrial applications;
both indoor and outdoor. Its low profile light weight design and versatile
mounting options make it ideal for many applications such as warehouse,
garage, aisle, cold storage, bridge, tunnel and general area lighting.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
3
Meets Buy American
For projects requiring Buy American certification,
consult factory for additional information and details
Certifications & Ratings
• UL-1598 (acrylic lens models)
• UL-1598A (polycarbonite lens and tempered glass)
• CSA 22 #250
• FCC Title 47
• NEMA - 4X
• IP-66
• Dark Sky Compliant
Candela Plots
Circular Pattern
Aisle Pattern
Examples shown are 11,500 lumen models, HB6C4M - aisle pattern and HB2C4M - circular
3/4” NPT THREADED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com