Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB2C4P Datasheet(PDF) 7 Page - Dialight Corporation

Part # HB2C4P
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB2C4P Datasheet(HTML) 7 Page - Dialight Corporation

  HB2C4P Datasheet HTML 1Page - Dialight Corporation HB2C4P Datasheet HTML 2Page - Dialight Corporation HB2C4P Datasheet HTML 3Page - Dialight Corporation HB2C4P Datasheet HTML 4Page - Dialight Corporation HB2C4P Datasheet HTML 5Page - Dialight Corporation HB2C4P Datasheet HTML 6Page - Dialight Corporation HB2C4P Datasheet HTML 7Page - Dialight Corporation HB2C4P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.dialight.com
MDEXHBX001_M
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this
document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEXHBX001.pdf
Warranty Statement: EXCEPT FOR THE WARRANTY EXPRESSLY PROVIDED FOR [HEREIN/ABOVE/BELOW], DIALIGHT DISCLAIMS ANY AND ALL OTHER WARRANTIES, EXPRESS OR
IMPLIED, INCLUDING, WITHOUT LIMITATION, ANY WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND NONINFRINGEMENT.
Dimensions in Inches [mm]
CUSTOMER SUPPLIED 4" SQUARE BOX AND CONDUIT
SWIVEL MOUNT
3/4"X3" RIGID CONDUIT
16.00
[406.40]
8.50
[215.90]
Dimensions in inches [mm]
5.04
(127,9)
8.19
(208)
Ø 10.37
(263,5)
16.00
[406.40]
2.00
[50.80]
3.00
[76.20]
10’ [3.05m] cord
CABLE GLAND
5.00
[127.00]
Dimensions in Inches [mm]
Dimensions in Inches [mm]
DuroSite
® Series LED High Bay Fixture
Options and Accessories
HBXW2 - Swivel Bracket and Cable Gland
HBXCU - Ceiling Mount
LBXLENP - Dome Lens
HBXCG - Cable Gland
HBXREF22 - 22" Acrylic Reflector
HBXDC - Dust Cover
Dimensions in inches [mm]
Dimensions in inches [mm]
2.0
(51)
TORQUE SCREW
MINIMUM 50 IN-LBS
3.0
(76.2)
CLEAR ACRYLIC
SPACER
0.18
(5mm)
ø10.06
(256mm)
13.40
(340mm)
ø21.48 (546mm)
ø22.16 (563mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com