Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB2C4P Datasheet(PDF) 2 Page - Dialight Corporation

Part # HB2C4P
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB2C4P Datasheet(HTML) 2 Page - Dialight Corporation

  HB2C4P Datasheet HTML 1Page - Dialight Corporation HB2C4P Datasheet HTML 2Page - Dialight Corporation HB2C4P Datasheet HTML 3Page - Dialight Corporation HB2C4P Datasheet HTML 4Page - Dialight Corporation HB2C4P Datasheet HTML 5Page - Dialight Corporation HB2C4P Datasheet HTML 6Page - Dialight Corporation HB2C4P Datasheet HTML 7Page - Dialight Corporation HB2C4P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.dialight.com
DuroSite
® Series LED High Bay
Features & Benefits
• L70 rated for >100,000
hours @ 25°C ambient
• 5 year full performance
warranty
• Up to 101lm/W
• Significant energy savings
• Instant on/off
• Maintenance free
• Mercury free
• No UV or IR
• Produces minimal heat
compared to traditional
fixtures
• Reflector based optics for
precise light control
• Resistant to shock and
vibration
• Temperature compensation
technology for long life
• Copper free aluminum
• Typical payback < 2 years
Typical Applications
• Food and Beverage
• Heavy Industrial
• Manufacturing
• Pulp and Paper
• Fuel Pump Canopy
• Cold Storage
• Warehouse
MMD Shipping
Cold Storage Facility
Rockline Industries
Manufacturing Facility
MedSafe
Warehouse Facility
View the full case studies at:
G.S. Dunn Limited - www.dialight.com/news/details/gsdunn_case_study
Rockline Industries - www.dialight.com/news/details/rockline_case_study
MedSafe - www.dialight.com/news/details/medsafe_case_study
Kuehne + Nagel - www.dialight.com/news/details/kuehne_nagel_case_study
MMD Shipping - www.dialight.com/news/details/mmd_shipping
Significantly smaller than
traditional High Bay fixtures
Complete your own Return on Investment calculation at: www.dialight.com/tcoCalculator/Durosite_HighBay



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com