Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

515-1069F Datasheet(PDF) 14 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 14 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 10Page - Dialight Corporation 515-1069F Datasheet HTML 11Page - Dialight Corporation 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
597-2XX1-407F
597-2X01-207F
597-2XX1-407F
597-2X01-207F
597-3111-407F
597-3201-407F
597-3311-407F
597-3401-407F
597-6XX1-607F
597-77X3-607F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
Part Number
Drawing
Suggested
LED*
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
515-1132F
515-1143F
515-1027F
515-1016F
515-1004F
515-1047F
Panel Mount Single Position
.525
.380
.437
.075
.475
.125
.125
2.080
R.200
.177
(4,5)
.640
(16,25)
.177
(4,5) .094
(2,4)
.110
(2,8)
.158
(4,03)
.354
(9)
.010
(0,25)
Ø.118
(3)
TYP (4)
.197
(5)
.031
(0,8)
.085
(2,15)
TYP (4)
.089
(2,26)
.325
(8,26)
.066±.002
(1,68±0,05)
ø.072+.002
- .010
(1,83 +,005 )
- ,00
RIBS (3) @ 120°
ø.064+.000
- .005
(1,63 +,002 )
- ,012
ø.037+.002
- .000
(0,94 +,005 )
- ,000
RIBS FOR
PRESS-FIT
(3 PLCS)
.163
(4,14)
REF
.048
(1,22)
.190
(4,83)
.380
(9,65)
REVERSE MOUNT
LED
.198±.005
(5,02±0,12)
.272±.005
(6,91±0,12)
REVERSE MOUNT
LED
PCB
ULTRASONIC WELD
DETAIL
.050
(1,27)
.298
(7,57)
.098±.005
(2,49±0,12)
.194±.005
(4,93±0,12)
ø.250±.007
3.75
DIFFUSED FRONT
SURFACE
.260
(6,6)
* ’X’ represents a variable part number. See page 17 for LED details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com