Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

515-1069F Datasheet(PDF) 19 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 19 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation 515-1069F Datasheet HTML 19Page - Dialight Corporation 515-1069F Datasheet HTML 20Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Through Hole CBI® Circuit Board Indicators
w Housed LEDs in variety of configurations including:
Right angle, vertical & horizontal ganged arrays in single bi, tri, and quad blocks
w 2mm, 3mm & 5mm
w Perfect for direct view or backlighting applications
w Variety of colors and LED types including:
Single & bi-color, diffused, water-clear, tinted, super-bright, & high efficiency
w Over 2,500 variations, with custom LED placement available
w RoHS compliant
CBI® Selector Guide
www.dialight.com/Assets/Brochures_And_Catalogs/Indication/CBI_Selector_Guide.pdf
Other Opto Electronic Products
Offered by Dialight
Based LED Bulbs 585 & 586 Series
LED Panel Mount Indicators
w Replaces traditional miniature incandescent bulbs with rugged long-lasting
and energy-efficient LEDs
w Design incorporates the most common base styles including:
T 1 ¾ Midget Flange, Wedge Base and Bi-Pin, T 3 ¼ Mini-Bayonet and
Mini-Screw, T2 Telephone Slide and 15 mm Bayonet
w Voltages from 6, 14 and 28 VDC, 6-36 VDC multi-voltage operation and
125 VAC with non-polarized versions available
w Colors include – red, green, yellow, blue and white
w Check Dialight’s Incandescent / Based LED Cross Reference for our specific
replacement part number
Based LED Selector Guide
http://www.dialight.com/Assets/Brochures_And_Catalogs/Indication/Based_LED_selector_guide.pdf
w Incorporating the latest LED technology in a tamper-proof enclosure
w Variety of sizes from .156” – 1”
w Operating voltages 2-28 VDC, 125 and 230 VAC
w Some feature a water-tight seal to NEMA 4X / IP66
w Available in red, green, yellow, orange, blue, cyan and white
w 556 series is UL recognized, Class 1, Div. II certified versions available
w Relampable Data Lamp series is available
w Most use lock washer and nut for secure mounting
LED Panel Mount Indicator Selector Guide
www.dialight.com/Assets/Brochures_And_Catalogs/Indication/VER-5x0x.pdf
40 Years of LED Experience
Prism® Series Right Angle SMT
w Surface mountable solution with integrated optics
w 2mm & 3mm LEDs
w Tape and reel / pick and place compatible
w Can withstand higher temp RoHS solder process and eliminates need for
secondary optics or separate process
w Available with square or round lens, and also in low current version
w Packaged in single, bi & tri level configurations
w RoHS compliant
CBI® Selector Guide
http://www.dialight.com/Assets/Brochures_And_Catalogs/Indication/SMT_selector_guide.pdf
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com