Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

515-1069F Datasheet(PDF) 18 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 18 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation 515-1069F Datasheet HTML 19Page - Dialight Corporation 515-1069F Datasheet HTML 20Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Optopipe® Lightpipe
Actuator Extensions
Features & Benefits:
w Fits C&K K5V2 illuminated LED switch
w Available in 3mm and 4mm diameters
w Variable length from 10mm to 25mm
w RoHS compliant
w Custom color options available (consult factory)
w Custom length options available (consult factory)
w Opaque colors available for use with C&K K5V2
nonilluminated switches
Part Numbers: 4mm diameter
Part Number
Length
515-1140-100F
10mm
515-1140-120F
12mm
515-1140-125F
12.5mm
515-1140-130F
13mm
515-1140-195F
19.5mm
515-1140-225F
22.5mm
515-1140-235F
23.5mm
515-1140-250F
25mm
Part Numbers: 3mm diameter
Order Code
515-114 X- XXX -F
Length in (mm)
“L” (SEE NOTES)
.177
(4.5
)
.315
(8
)
ITT/CONNON
K5V SWITCH
(REF. ONLY)
.065
(1,65
)
.035 (0,89
)
SUPPORT PERMISSIBLE
.010 MAX (4PLCS)
.050
(1,27
)
R.010
(0,25
)
Ø.200
(5,08
)
Ø.157
(4
)
Ø.240
(6.1
)
Ø.240
(6.1
)
Ø.118
(3
)
“L” (SEE NOTES)
3.15
(8
)
.177
(4,5
)
ITT/CONNON K5V SWITCH
(REF. ONLY)
Ø.197
(5
)
.065
(1,65
)
TYP
.035
(0,89
)
SUPPORT PERMISSIBLE
.010 MAX (4PLCS)
Part Number
Length
515-1149-145F
14.5mm
Application
Dialight Optopipe® actuator extensions are designed for use with
C&K K5V2 lighted tactile switches. These snap-in clear lenses do not
need to sit on the edge of a PCB and is offered in a verity of sizes to
accommodate a range of panel depths. Dialight Optopipe® actu-
ator extensions are ideal for server, storage, network infrastructure, au-
tomotive, and medical applications.
Diameter (mm)
Ø.240
(6.1
)
Ø.118
(3
)
Ø.157
(4
)
Ø.240
(6.1
)
18
NEW!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com