Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1132P Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1132P
Description  32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1132P Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1132P_11 Datasheet HTML 1Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 2Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 3Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 4Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 5Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2DB1132P/Q/R
Document number: DS31142 Rev: 5 - 2
2 of 6
www.diodes.com
September 2011
© Diodes Incorporated
2DB1132P/Q/R
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current (Note 4)
ICM
-2
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
125
°C/W
Thermal Resistance, Junction to Leads (Note 5)
RθJL
22
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. For a device surface mounted on FR-4 PCB with minimum suggested pad layout; high coverage of single sided 1 oz copper, in still air conditions
4. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%.
5. Thermal resistance from junction to solder-point (at the end of the collector lead).
0
0.2
0.4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs.
Ambient Temperature (Note 3)
A
0.6
0.8
1.0
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com