Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1132P Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DB1132P
Description  32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1132P Datasheet(HTML) 3 Page - Diodes Incorporated

  2DB1132P_11 Datasheet HTML 1Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 2Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 3Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 4Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 5Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2DB1132P/Q/R
Document number: DS31142 Rev: 5 - 2
3 of 6
www.diodes.com
September 2011
© Diodes Incorporated
2DB1132P/Q/R
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-40
-
-
V
IC = -50µA
Collector-Emitter Breakdown Voltage (Note 6)
BVCEO
-32
-
-
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
-
-
V
IE = -50µA
Collector Cut-off Current
ICBO
-
-
-0.5
µA
VCB =-20V
Emitter Cut-off Current
IEBO
-
-
-0.5
µA
VEB = -4V
Static Forward Current Transfer
Ratio (Note 6)
2DB1132P
hFE
82
-
180
-
IC = -100mA, VCE = -3V
2DB1132Q
120
270
2DB1132R
180
390
Collector-Emitter saturation Voltage (Note 6)
VCE(sat)
-
-125
-500
mV
IC =-500mA, IB = -50mA
Transition frequency
fT
-
190
-
MHz
IE = 50mA, VCE = -5V,f=30MHz
Output Capacitance
Cob
-
12
30
pF
IE = 0A, VCB = -10V,f=1MHz
Notes:
6. Measured under pulsed conditions. Pulse width = 300
µs. Duty cycle
≤ 2%
Electrical Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.001
0.01
0.1
1
10
100
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -3V
CE
200
300
400
500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com