Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1132P Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DB1132P
Description  32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1132P Datasheet(HTML) 4 Page - Diodes Incorporated

  2DB1132P_11 Datasheet HTML 1Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 2Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 3Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 4Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 5Page - Diodes Incorporated 2DB1132P_11 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2DB1132P/Q/R
Document number: DS31142 Rev: 5 - 2
4 of 6
www.diodes.com
September 2011
© Diodes Incorporated
2DB1132P/Q/R
Electrical Characteristic - (cont.)
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -3V
CE
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
0
20
40
30
10
-I , EMITTER CURRENT
E
Fig. 8 Typical Gain-Bandwidth Product vs. Emitter Current
50
100
150
200
250
V
= -5V
f = 30MHz
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com