Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXGD3104
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXGD3104 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104 Datasheet HTML 8Page - Diodes Incorporated ZXGD3104 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ZXGD3104N8
Document Number DS35546 Rev. 1 – 2
5 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3104N8
Electrical Characteristics @TA = 25°C unless otherwise specified
VCC = 19V; RBIAS = 6.3kΩ; RREF = 8.5kΩ
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input and Supply
Quiescent current
IQ
-
5.16
-
mA
VD ≥ 0V
Gate Driver
Turn-off Threshold Voltage (Note 9 & 10)
VT
-16
-10
0
mV
VG = 1V
Gate output voltage
(Note 9 & 10)
VG(off)
0
0.73
1.0
V
VD ≥ 1V
(Note 9 & 11)
VG
12.5
14
V
CC
VD = -50mV
17
18
VCC
VD = -100mV
Switching Performance for QG(tot) = 124nC (Note 12)
Turn-on propagation delay
td(rise)
175
250
325
ns
-
Refer to switching
waveforms in Fig. 1
Turn-off propagation delay
td(fall)
11
15
20
Gate rise time
tr
335
480
625
From 10% of VG to 10V
530
760
990
From 10% to 90% of VG
Gate fall time
tf
35
50
65
Continuous Conduction Mode
Notes:
9.GATEH connected to GATEL
10.RH = 100kΩ, RL = O/C
11.RL = 100kΩ, RH = O/C
12. refer to test circuit below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com