Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3104
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3104 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104 Datasheet HTML 8Page - Diodes Incorporated ZXGD3104 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ZXGD3104N8
Document Number DS35546 Rev. 1 – 2
2 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3104N8
Functional Block Diagram
Pin No.
Name
Description and function
1
DNC
Do not connect
Leave pin floating.
2
REF
Reference
This pin is connected to VCC via resistor, RREF. Select RREF to source 2.16mA into this pin. Refer to Table
1, in Application Information section.
3
GATEL
Gate turn off
This pin sinks current, ISINK, from the synchronous MOSFET Gate.
4
GATEH
Gate turn on
This pin sources current, ISOURCE, to the synchronous MOSFET Gate.
5
VCC
Power Supply
This is the supply pin. It is recommended to decouple this point to ground closely with a ceramic
capacitor.
6
GND
Ground
This is the ground reference point. Connect to the synchronous MOSFET Source terminal.
7
BIAS
Bias
This pin is connected to VCC via resistor, RBIAS. Select RBIAS to source 3mA into this pin. Refer to Table 1,
in Application Information section.
8
DRAIN
Drain connection
This pin connects directly to the synchronous MOSFET Drain terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com