Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3104
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3104 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104 Datasheet HTML 8Page - Diodes Incorporated ZXGD3104 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ZXGD3104N8
Document Number DS35546 Rev. 1 – 2
1 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3104N8
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Description
The ZXGD3104 is intended to drive MOSFETS configured as ideal
diode replacements. The device is comprised of a differential amplifier
detector stage and high current driver. The detector monitors the
reverse voltage of the MOSFET such that if body diode conduction
occurs a positive voltage is applied to the MOSFET’s Gate pin.
Once the positive voltage is applied to the Gate the MOSFET switches
on. The detectors’ output voltage is then proportional to the MOSFET
Drain-Source voltage and this is applied to the Gate via the driver.
This action provides a rapid MOSFET turn off at zero Drain current.
Applications
•
Flyback Converters in:
o
≥90W Laptop Adaptors
Features
•
5-25V Vcc range
•
Operating up to 250kHz
•
Suitable for Discontinuous Mode (DCM), Critical Conduction
Mode (CrCM) and Continuous Mode (CCM) operation
•
Turn-off propagation delay 15ns and turn-off time 20ns.
•
Proportional Gate Drive
•
Detector threshold voltage -10mV
•
Standby current 5mA
•
“Lead-Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony free. “Green” Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXGD3104N8TC
ZXGD3104
13
12
2,500
Notes:
1. No purposefully added lead
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
ZXGD
= Product Type Marking Code, Line 1
3104
= Product Type Marking Code, Line 2
YY
= Year (ex: 11 = 2011)
WW
= Week (01 - 53)
ZXGD
3104
YY WW
Top View
Pin-Out
DRAIN
DNC
REF
GATEL
GATEH
BIAS
GND
VCC
SO-8
Typical Configuration


Similar Part No. - ZXGD3104

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
More results

Similar Description - ZXGD3104

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
286Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
DS32255 Rev. 2 - 2
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
313Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
ZXGD3103N8 DIODES-ZXGD3103N8_15 Datasheet
313Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
ZXGD3105N8 DIODES-ZXGD3105N8_15 Datasheet
413Kb / 14P
SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Rev erse
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Rev 1
ZXGD3110N8 DIODES-ZXGD3110N8 Datasheet
708Kb / 11P
SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Rev 1
ZXGD3107N8 DIODES-ZXGD3107N8 Datasheet
601Kb / 14P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com