Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7939A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7939A
Description  Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7939A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 1.00
1
April 19, 2012
Rev. 1.00
PB
April 19, 2012
HT7939A
High Current and
Performance White LED Driver
Feature
• Inputvoltagerange:2.6V~5.5V
• Highefficiency-upto90%
• IntegratedN-chMOSFET
• Candriveupto39WLEDsfroma5Vinput
• Lowstandbycurrent:0.1mA(typ.)
• Built-inOVP,OCP,OTP,UVLOprotection
• ENpindimmingfrequencyupto200kHz
• 1.2MHzfixedswitchingfrequency
• SOT23-6package
Applications
• Displaybacklighting
– Automatic
– DVDplayer
– Digitalphotoframe
– Handheldcomputer
General Description
TheHT7939Aisahighefficiencyboostconverter
fordrivingmultipleWhiteLEDsusingcurrentmode
operation.Thedeviceisdesignedtodriveupto39
WhiteLEDsfroma5Vpowersupply.TheWhite
LEDcurrentissetupusinganexternalcurrentsetting
resistor,whichhasalowfeedbackvoltageof0.2Vto
minimiseresistorpowerlossesandthusimproving
efficiency.
TheHT7939Ahasadimmingfrequencyofupto
200kHz,whichhasexcellentlinearperformance
overthisdimmingfrequencyrange.Theovervoltage
functionpreventsdevicedamagebyturningoffthe
convertershouldtheLEDloadbecomeopencircuit.
Thedevicealsoincludesovercurrentprotection,over
temperatureprotectionandundervoltageprotection
preventingdamagetothedeviceshouldtheoutputbe
overloaded.
Selection Guide
Part No.
Package
Marking
HT7939A
SOT23-6
39A-1 (OVP=17.6V)
39A-2 (OVP=32.0V)
Note:Bothleadfreeandgreencompounddevicesareavailable.


Similar Part No. - HT7939A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
More results

Similar Description - HT7939A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7939 HOLTEK-HT7939 Datasheet
714Kb / 13P
High Current and Performance White LED Driver
November 3, 2009
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A Datasheet
2Mb / 13P
Performance White LED Driver
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
High Current and Performance White LED Driver
June 25, 2016
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
logo
uPI Group Inc.
UP6007 UPI-UP6007 Datasheet
599Kb / 10P
43V High Performance White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com