Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7939A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7939A
Description  Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7939A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.00
3
April 19, 2012
HT7939A
Absolute Maximum Ratings
InputVoltage,FBVoltage,EN............................6.0V
SWVoltage...........................................................36V
OVPVoltage.........................................................36V
OperatingTemperatureRange.......... -40°Cto+85°C
StorageTemperatureRange............ -55°Cto+150°C
MaximumJunctionTemperature..................... 150°C
Note:Thesearestressratingsonly.StressesexceedingtherangespecifiedunderAbsoluteMaximumRatingsmay
causesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyondthose
listedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffectdevice
reliability.
Electrical Characteristics
VIN=5.0V,Ta=25°C,unlessotherwisespecified(note1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Supply Voltage and Current
VIN
Input Voltage
―
2.6
―
5.5
V
UVLO
Under Voltage Lockout
―
1.8
2.1
2.4
V
IIN
Supply Current
Switching
―
1.0
5.0
mA
VEN= 0
―
0.1
1.0
μA
Error Amplifier
VFB
Feedback Voltage
―
190
200
210
mV
V
Line Regulation
VIN= 3.0V~4.3V, ILED= 20mA
―
1.0
―
%
Power Switch
fOSC
Switching Frequency
Measured at SW Pin
0.8
1.2
1.6
MHz
DC
Maximum Duty Cycle
85
90
―
%
RDS(ON)
SW ON Resistance
―
―
0.5
―
Ω
ISW(OFF)
Switch Leakage Current
―
―
0.1
1.0
μA
Enable
VIH
EN Voltage High
―
2.0
―
―
V
VIL
EN Voltage Low
―
―
―
0.8
V
fEN
Dimming Clock Rate
Duty= 5%~100%
100
―
200
kHz
OVP and OCP
VOVP
OVP Threshold
No Load, for 39A-1 Marking
15.8
17.6
19.4
V
No Load, for 39A-2 Marking
28.8
32.0
35.2
V
IOCP
N-channel MOSFET Current limit
―
―
1200
―
mA
Thermal Shutdown
tSHUT
Thermal Shutdown Threshold
―
―
150
―
°C
Thermal Shutdown Hysteresis
―
―
25
―
°C
Note1.SpecificationsareproductiontestedatTa=25degree.Specificationsover-40°Cto85°Cdegreeoperating
temperaturerangeareassuredbydesign,characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com