Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7939A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7939A
Description  Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7939A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 1.00
2
April 19, 2012
HT7939A
Block Diagram
S
R
R
Q
1. 2M Hz
OS C
UV LO = 2. 1V
OT P
VI N
GN D
FB
Ra mp
OV P
OV P
Pr ot ec t
BG
SW
EN
17. 6V ( 39A -1 )
32. 0V ( 39A -2 )
Pin Assignment
SW
GN D
To p Vi ew
VI NE N
FB
12
3
4
6
5
OV P
SO T 23- 6
Pin Descriptin
PIN No.
PIN Name
Description
1
SW
Switching pin. Connected to inductor and diode.
2
GND
Ground.
3
FB
Feedback pin. Reference voltage. The HT7939A feedback voltage is 0.2V.
4
EN
Shutdown & Dimming control input. Do not allow this pin to float.
5
OVP
Over voltage protection pin which is connected to the output.
6
VIN
The input supply pin for the IC. Connect VIN to a supply voltage between 2.6V~5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com