Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA24C01-S/P Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SLA24C01-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C01-S/P Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SLA24C01-S/P Datasheet HTML 1Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 2Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 3Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
5
1998-07-27
Pin Definitions and Functions
Pin Description
Serial Clock (SCL)
The SCL input is used to clock data into the device on the rising edge and to clock data
out of the device on the falling edge.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer addresses, data or control information into the
device or to transfer data out of the device. The output is open drain, performing a wired
AND function with any number of other open drain or open collector devices. The SDA
bus requires a pull-up resistor to
V
CC.
Write Protection (WP)
WP switched to
V
SS allows normal read/write operations.
WP switched to
V
CC protects the entire EEPROM against changes (hardware write
protection).
Additionally write protection is managed by a protection bit associated to each page.
(refer to chapter 7 Page Protection Mode
TM)
Table 1
Pin No.
Symbol
Function
1, 2, 3
N.C.
Not connected
4
V
SS
Ground
5
SDA
Serial bidirectional data bus
6
SCL
Serial clock input
7
WP
Write protection input
8
V
CC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com