Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA24C01-S/P Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SLA24C01-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C01-S/P Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SLA24C01-S/P Datasheet HTML 2Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 3Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 9Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
6
1998-07-27
2
Description
The SLx 24C01/02/P device is a serial electrically erasable and programmable read only
memory (EEPROM), organized as 128/256
× 8 bit. The data memory is divided into 16/
32 pages. The 8 bytes of a page can be programmed simultaneously. Each page may
be protected individually against changes by its associated protection bit.
The device conforms to the specification of the 2-wire serial I
2C-Bus. Low voltage design
permits operation down to 2.7 V with low active and standby currents.
The device operates at 5.0 V
± 10% with a maximum clock frequency of 400 kHz and at
2.7 ... 4.5 V with a maximum clock frequency of 100 kHz. The device is available as 5 V
type (
V
CC = 4.5 … 5.5 V) with two temperature ranges for industrial and automotive
applications and as 3 V type (
V
CC = 2.7 … 5.5 V) for industrial applications. The
EEPROMs are mounted in eight-pin DIP and DSO packages or are also supplied as
chips.
Figure 2
Block Diagram
DEC
X
EEPROM
Y DEC
Dout/ACK
SDA
SCL
IEB02531
Logic
Stop
Start/
Control
Chip Address
Logic
H.V. Pump
Programming
Control
Control
Serial
Logic
Logic
Address
Page Logic
SS
V
CC
V
WP
Prot. Bit
Page
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com