Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA24C01-S/P Datasheet(PDF) 16 Page - Siemens Semiconductor Group

Part # SLA24C01-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C01-S/P Datasheet(HTML) 16 Page - Siemens Semiconductor Group

Back Button SLA24C01-S/P Datasheet HTML 12Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 13Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 14Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 15Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 16Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 17Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 18Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 19Page - Siemens Semiconductor Group SLA24C01-S/P Datasheet HTML 20Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
16
1998-07-27
6.2
Current Address Read
The EEPROM content is read without setting an EEPROM address, in this case the
current content of the address counter will be used (e.g. to continue a previous read
operation after the Master has served an interrupt).
Figure 12
Current Address Read
Transmission of CSR
For a current address read the master generates a START
condition, which is followed by the command byte CSR (chip
select read). The receipt of the CSR-byte is acknowledged by
the EEPROM with a low on the SDA line.
Transmission of
EEPROM Data
During the next eight clock pulses the EEPROM transmits the
data byte and increments the internal address counter.
STOP Condition from
Master
During the following clock cycle the masters releases the bus
and then transmits the STOP condition.
Command Byte
CSR
S
P
A
C
K
S
T
A
R
T
T
P
O
S
Bus Activity
Master
SDA Line
Bus Activity
EEPROM
IED02132
Data Byte
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com