Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA24C02-S/P Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # SLA24C02-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C02-S/P Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button SLA24C02-S/P Datasheet HTML 11Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 12Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 13Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 14Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 15Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 16Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 17Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 18Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 19Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
15
1998-07-27
6
Read Operations
Reading of the EEPROM data is initiated by the Master with the command byte CSR.
6.1
Random Read
Random read operations allow the master to access any memory location.
Figure 11
Random Read
Address Setting
The master generates a START condition followed by the
command byte CSW. The receipt of the CSW-byte is
acknowledged by the EEPROM with a low on the SDA line.
Now the master transmits the EEPROM address (EEA) to the
EEPROM and the internal address counter is loaded with the
desired address.
Transmission of CSR
After the acknowledge for the EEPROM address is received,
the master generates a START condition, which terminates
the initiated write operation. Then the master transmits the
command byte CSR for read, which is acknowledged by the
EEPROM.
Transmission of
EEPROM Data
During the next eight clock pulses the EEPROM transmits the
data byte and increments the internal address counter.
STOP Condition from
Master
During the following clock cycle the masters releases the bus
and then transmits the STOP condition.
Command Byte
CSW
S
P
A
C
K
C
K
A
S
T
A
R
T
T
P
O
S
EEPROM Address
EEA n
Bus Activity
Master
SDA Line
Bus Activity
EEPROM
IED02133
C
K
A
Data Byte
1
0
S
T
R
A
T
S
CSR
Command Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com