Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA24C02-S/P Datasheet(PDF) 25 Page - Siemens Semiconductor Group

Part # SLA24C02-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C02-S/P Datasheet(HTML) 25 Page - Siemens Semiconductor Group

Back Button SLA24C02-S/P Datasheet HTML 19Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 20Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 21Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 22Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 23Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 24Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 25Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 26Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 27Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
25
1998-07-27
1)
The minimum rise and fall times can be calculated as follows: 20 + (0.1/pF)
× C
b [ns]
Example:
C
b = 100 pF → tR =20 + 0.1 × 100 [ns] = 30 ns
8.3
AC Characteristics
Parameter
Symbol
Limit Values
V
CC = 2.7-5.5 V
Limit Values
V
CC =4.5-5.5 V
Units
min.
max.
min.
max.
SCL clock frequency
f
SCL
100
400
kHz
Clock pulse width low
t
low
4.7
1.2
µs
Clock pulse width high
t
high
4.0
0.6
µs
SDA and SCL rise time
t
R
1000
1)
300
ns
SDA and SCL fall time
t
F
300
1)
300
ns
Start set-up time
t
SU.STA
4.7
0.6
µs
Start hold time
t
HD.STA
4.0
0.6
µs
Data in set-up time
t
SU.DAT
200
100
ns
Data in hold time
t
HD.DAT
00
µs
SCL low to SDA data out valid
t
AA
0.1
4.5
0.1
0.9
µs
Data out hold time
t
DH
100
50
ns
Stop set-up time
t
SU.STO
4.0
0.6
µs
Time the bus must be free before
a new transmission can start
t
BUF
4.7
1.2
µs
SDA and SCL spike suppression
time at constant inputs
t
l
50
100
50
100
ns
8.4
Erase and Write Characteristics
Parameter
Symbol
Limit Values
V
CC = 2.7-5.5 V
Limit Values
V
CC =4.5-5.5 V
Units
typ.
max.
typ.
max.
Erase + write cycle (per page)
t
WR
58
5
8
ms
Erase page protection bit
2.5
4
2.5
4
ms
Write page protection bit
2.5
4
2.5
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com