Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA24C02-S/P Datasheet(PDF) 22 Page - Siemens Semiconductor Group

Part # SLA24C02-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C02-S/P Datasheet(HTML) 22 Page - Siemens Semiconductor Group

Back Button SLA24C02-S/P Datasheet HTML 18Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 19Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 20Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 21Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 22Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 23Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 24Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 25Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 26Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
22
1998-07-27
7.3
Protection Bit Read
The byte sequence for random bit read is shown in figure 17.
Figure 17
Byte Sequence for Protection Bit Read
The first command byte CSW followed by the control byte EEA addresses the protection
bit to be read. The second command byte CSW is followed by the control byte 00
H for
protection bit read. The first bit (MSB) of the transferred byte is the protection bit of the
addressed page. The other 7 bits are not valid. The page protection status is indicated
as following
Protection Bit = 1: A normal write operation changes the data in the associated page
Protection Bit = 0: The data in the associated page are protected against changes.
If the master acknowledges a byte with a low state of the SDA line, the protection bit of
the next page can be read as the first bit of the following byte. If the master releases the
SDA line, a STOP condition has to complete the read procedure. Any number of bytes
with a page protection status at the first bit position can be requested by the master. If
the bit of the uppermost page has been addressed, the counter has its overflow to the
lowest address according to the first page.
0
SDA Line
EEPROM
Bus Activity
Master
Bus Activity
EEA n
Address
EEPROM
CSW
Byte
Command
S
R
T
A
T
0
S
S
0
000
C
K
A
R
T
A
T
CSW
Byte
Command
S
Data
Byte n
0
C
K
A
CTR
Control
Byte
0
C
K
A
Data
Byte n+1
C
K
A
C
K
A
...
IED02139
P
C
K
A
O
P
T
S
b
b
b
K
C
A
b = Protection Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com