Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0959/P/PC Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0959/P/PC
Description  Panel Mount Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0959/P/PC Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0959/P/PC Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bulgin.co.uk
146
GENERAL PURPOSE CONNECTORS
PX0959/P
8 Poles
Mates with PX0956/S,
PX0957/S, PX0552 and
PX0552/PC
Solder bucket terminals
6A, 250V a.c. (per Pin)
Specification
PX0959/P
PX0959/P/PC
Terminations:
Solder bucket
P.C. Spill
Max. Rating:
6A, 250V a.c. (per pin)
6A, 250V a.c. (per pin)
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>104 M
Ω @ 500V d.c.
>104 M
Ω @ 500V d.c.
A.C. Breakdown:
Pole-Pole 6kV
Pole-Pole 6kV
Poles-Exterior Parts/Panel 6kV
Poles-Exterior Parts/Panel 6kV
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Mouldings:
Glass Filled Nylon (black)
Glass Filled Nylon (black)
Flammability Rating:
UL94 HB
UL94 HB
Contacts:
Turned Brass, Tin Plated
Turned Brass, Tin Plated
Mates With:
PX0956/S, PX0957/S, PX0552,
PX0956/S, PX0957/S, PX0552
PX0552/PC
PX0552/PC
Compliant
Compliant
PX0959/P/PC
8 Poles
Mates with PX0956/S,
PX0957/S, PX0552 and
PX0552/PC
P.C. Spill terminations
6A, 250V a.c. (per Pin)
PANEL MOUNT MALE CIRCULAR INLET
PANEL MOUNT MALE CIRCULAR INLET
Panel Mount Plugs
RoHS


Similar Part No. - PX0959/P/PC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0959/P/PC BULGINLIMITED-PX0959/P/PC Datasheet
293Kb / 9P
General Purpose Connectors
More results

Similar Description - PX0959/P/PC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72912 POMONA-72912 Datasheet
106Kb / 1P
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72930 POMONA-72930 Datasheet
92Kb / 1P
Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs
logo
Switchcraft, Inc.
HPCPR410F SWITCH-HPCPR410F Datasheet
448Kb / 4P
HIGH POWER CONNECTORS , Panel Mounts and Cord Plugs
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com