Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3003
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology LT3003 Datasheet HTML 10Page - Linear Technology LT3003 Datasheet HTML 11Page - Linear Technology LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology LT3003 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3517
11
3517ff
Table 3. Schottky Diodes
PART NUMBER
VR (V)
IAVE (A)
Diodes Inc.
DFLS160
60
1
Zetex
ZLLS1000TA
40
1
International Rectifier
10MQ060N
60
1.5
Board Layout
The high speed operation of the LT3517 demands careful
attention to board layout and component placement. The
Exposed Pad of the package is the only GND terminal of
the IC and is also important for thermal management of
the IC. It is crucial to achieve a good electrical and thermal
contact between the Exposed Pad and the ground plane of
the board. To reduce electromagnetic interference (EMI),
it is important to minimize the area of the SW node. Use
a GND plane under SW and minimize the length of traces
in the high frequency switching path between SW and
GND through the diode and the capacitors. Since there is
a small DC input bias current to the ISN and ISP inputs,
resistance in series with these inputs should be minimized
and matched, otherwise there will be an offset. Finally, the
bypass capacitor on the VIN supply to the LT3517 should
be placed as close as possible to the VIN terminal of the
device.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and
output voltage overshoot. A typical value for the soft-start
capacitor is 0.1μF.
Switching Frequency
There are two methods to set the switching frequency of
LT3517. Both methods require a resistor connected at RT
pin. Do not leave the RT pin open. Also, do not load this pin
with a capacitor. A resistor must always be connected for
proper operation. One way to set the frequency is simply
connecting an external resistor between the RT pin and
GND. See Table 4 below or see the Oscillator Frequency vs
RT graph in the Typical Performance Characteristics for
resistor values and corresponding switching frequencies.
Table 4. Switching Frequency vs RT
Switching Frequency (kHz)
RT ( kΩ )
250
90.9
500
39.2
1000
16.9
1500
9.53
2000
6.04
2500
4.02
The other way is to make the LT3517 synchronize with
an external clock via SYNC pin. For proper operation, a
resistor should be connected at the RT pin and be able
to generate a switching frequency 20% lower than the
external clock when external clock is absent.
In general, a lower switching frequency should be used
where either very high or very low switching duty cycle
operation is required, or high efficiency is desired. Selection
of a higher switching frequency will allow use of smaller
value external components and yield a smaller solution
size and profile.
Thermal Considerations
The LT3517 is rated to a maximum input voltage of 30V
for continuous operation, and 40V for nonrepetitive one
second transients. Careful attention must be paid to the
internal power dissipation of the LT3517 at higher input
voltages to ensure that the maximum junction temperature
is not exceeded. This junction limit is especially important
when operating at high ambient temperatures. The Exposed
Pad on the bottom of the package must be soldered to a
ground plane. This ground should then be connected to
an internal copper ground plane with thermal vias placed
directly under the package to spread out the heat dissipated
by the LT3517.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com