Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3003
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology LT3003 Datasheet HTML 15Page - Linear Technology LT3003 Datasheet HTML 16Page - Linear Technology LT3003 Datasheet HTML 17Page - Linear Technology LT3003 Datasheet HTML 18Page - Linear Technology LT3003 Datasheet HTML 19Page - Linear Technology LT3003 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3517
20
3517ff
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0412 REV F • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, 1.4MHz, 1.5A Boost Converter
VIN: 5V to 18V, VOUT(MAX) = 36V, Dimming = Analog/PWM, ISD < 1μA,
MSOP10 Package
LT3003
3-Channel LED Ballaster with PWM Dimming
VIN: 3V to 48V, Dimming = 3000:1 True Color PWM, ISD < 5μA,
MSOP10 Package
LT3474
36V, 1A (ILED), 2MHz, Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 400:1 True Color PWM,
ISD < 1μA, TSSOP16E Package
LT3475
Dual 1.5A (ILED), 36V 2MHz Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, TSSOP20E Package
LT3476
Quad-Output 1.5A, 36V, 2MHz High Current LED Driver
with 1000:1 Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, Dimming = 1000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN Package
LT3477
3A, 42V, 3MHz Boost, Buck-Boost, Buck LED Driver
VIN: 2.5V to 25V, VOUT(MAX) = 40V, Dimming = Analog/PWM, ISD < 1μA,
QFN, TSSOP20E Packages
LT3478/LT3478-1
4.5A, 42V, 2.5MHz High Current LED Driver with 3000:1
Dimming
VIN: 2.8V to 36V, VOUT(MAX) = 42V, Dimming = 3000:1 True Color PWM,
ISD < 3μA, TSSOP16E Packages
LT3479
3A, Full -Featured DC/DC Converter with Soft-Start and
Inrush Current Protection
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 6.5mA, ISD < 1μA,
DFN and TSSOP Packages
LT3486
Dual 1.3A, 2MHz High Current LED Driver
VIN: 2.5V to 24V, VOUT(MAX) = 36V, Dimming = 1000:1 True Color PWM,
ISD < 1μA, 5mm × 3mm DFN, TSSOP16E
LT3496
Triple-Output LED Driver
VIN: 3V to 40V, VOUT(MAX) = 45V, Dimming = 3000:1 True Color PWM,
ISD < 10μA, 4mm × 5mm QFN Package
LT3518
Full-Featured LED Driver with 2.3A Switch Current
VIN: 3V to 40V, VOUT(MAX) = 45V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, 4mm × 4mm QFN Package and TSSOP Package
LT3590
48V Buck Mode 50mA LED Driver
VIN: 4.5V to 55V, Drives Up to 10 LEDs, 200:1 Dimming,
ISO = 15mA, 2mm × 2mm DFN SC70
LT3595
16-Channel Buck LED Driver Mode
VIN: 4.5V to 45V, Drives Up to 160 LEDs, 5000:1 Dimming,
5mm × 9mm QFN
LTC®3783
High Current LED Controller
VIN: 3V to 36V, VOUT(MAX) = Ext FET, Dimming = 3000:1 True Color PWM,
ISD < 20μA, 5mm × 4mm QFN10, TSSOP16E Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com