Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3003 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3003
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3003 Datasheet HTML 11Page - Linear Technology LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology LT3003 Datasheet HTML 15Page - Linear Technology LT3003 Datasheet HTML 16Page - Linear Technology LT3003 Datasheet HTML 17Page - Linear Technology LT3003 Datasheet HTML 18Page - Linear Technology LT3003 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3517
15
3517ff
TYPICAL APPLICATIONS
Boost 100mA LED Driver with LED Open Protection
LED1
M1
LED2
LED10
D1
L1
22μH
RSENSE
1Ω
R1
1M
R2
30.1k
SHDN
VC
GND
RT SS
RT
16.9k
1MHz
3517 TA06a
C3
0.1μF
C2
2.2μF
C1
2.2μF
C4
0.1μF
PWM
ISP
ISN
TG
FB
TGEN
VREF
CTRL
SYNC
100mA
VIN
8V TO 16V
VIN
LT3517
SW
PWM
C1, C2: KEMET C1206C225K2RAC
C3, C4: MURATA GRM21BR71H104KA01B
D1: DIODES DFLS160
L1: COILCRAFT DS3316P-223
LEDS: CREE XLAMP 7090
M1: ZETEX ZXMP6A13FTA
3000:1 PWM Dimming at 100Hz
Efficiency
PWM DUTY CYCLE (%)
0
20
30
40
50
60
70
80
90
20
40
60
80
3517 TA06c
100
VIN = 12V
CTRL = VREF
PWM
5V/DIV
IL
500mA/DIV
ILED
100mA/DIV
1μs/DIV
VIN = 12V
fOSC = 1MHz
ILED = 100mA
3517 TA06b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com