Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2995 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2995 Datasheet HTML 10Page - Linear Technology LTC2995 Datasheet HTML 11Page - Linear Technology LTC2995 Datasheet HTML 12Page - Linear Technology LTC2995 Datasheet HTML 13Page - Linear Technology LTC2995 Datasheet HTML 14Page - Linear Technology LTC2995 Datasheet HTML 15Page - Linear Technology LTC2995 Datasheet HTML 16Page - Linear Technology LTC2995 Datasheet HTML 17Page - Linear Technology LTC2995 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2995
14
2995f
APPLICATIONS INFORMATION
4. Finally RTC is determined by:
RTC =
1.8V – VT2
IREF
In the Temperature Monitor example discussed earlier with
thresholds at VT1 = 60°C and VT2 = 90°C and a desired
reference current of 10μA, the required values for RTA,
RTB and RTC can be calculated as:
RTA =
1.332V
10μA
= 133.2k
RTB =
1.452V – 1.332V
10μA
= 12k
RTC =
1.8V – 1.452V
10μA
= 34.8k
Voltage Monitoring
In addition to temperature measurement, the LTC2995
features a low power dual voltage monitoring circuit. Each
voltage monitor has two inputs (VH1/VL1 and VH2/VL2)
for detecting undervoltage and overvoltage conditions. If
either VH1 or VH2 falls below 0.5V (typical), the LTC2995
communicates an undervoltage condition by pulling UV
low. Similar, an overvoltage condition is flagged by pulling
OV low if either VL1 or VL2 rises above 0.5V.
When configured to monitor a positive voltage Vn using
the 3-resistor circuit configuration shown in Figure 5,
VHn will be connected to the high side tap of the resistive
divider and VLn will be connected to the low side tap of
the resistive divider.
Voltage Monitor Design Procedure
The following 3-step design procedure selects appropriate
resistances to obtain the desired UV and OV trip points
for the voltage monitor circuit in Figure 7.
For supply monitoring, Vn is the desired nominal operat-
ing voltage, In is the desired nominal current through the
resistive divider, VOV is the desired overvoltage trip point,
and VUV is the desired undervoltage trip point.
1. RA is chosen to set the desired trip point for the
overvoltage monitor:
RA =
0.5V
IN
•
VN
VOV
(1)
2. Once RA is known, RB is chosen to set the desired
trip point for the undervoltage monitor:
RB =
0.5V
IN
•
VN
VUV
–RA
(2)
3. Once, RA and RB are known, RC is determined by:
RC =
VN
IN
–RA –RB
(3)
Voltage Monitor Example
A typical voltage monitor application is shown in Figure 2.
The monitored voltage is a 5V ±10% supply. Nominal
current in the resistive divider is 10μA.
1. Find RA to set the OV trip point of the monitor:
RA =
0.5V
10μA
•
5V
5.5V
≈ 45.3k
Figure 7. 3-Resistor Positive UV/OV Monitoring
+
– 0.5V
LTC2995
UVn
VHn
RC
RB
RA
2995 F07
Vn
VLn
OVn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com