Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2995 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2995 Datasheet HTML 12Page - Linear Technology LTC2995 Datasheet HTML 13Page - Linear Technology LTC2995 Datasheet HTML 14Page - Linear Technology LTC2995 Datasheet HTML 15Page - Linear Technology LTC2995 Datasheet HTML 16Page - Linear Technology LTC2995 Datasheet HTML 17Page - Linear Technology LTC2995 Datasheet HTML 18Page - Linear Technology LTC2995 Datasheet HTML 19Page - Linear Technology LTC2995 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2995
20
2995f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2012
LT 0412 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC2990
Remote/Internal Temperature, Voltage, Current Monitor
I2C Interface
LTC2991
Remote/Internal Temperature Sensor
I2C Interface, Eight Single-Ended Inputs
LTC2997
Remote/Internal Temperature Sensor
Analog VPTAT Output Voltage
LTC2900
Programmable Quad Supply Monitor
Adjustable RESET, 10-Lead MSOP and 3mm × 3mm 10-Lead DFN
LTC2901
Programmable Quad Supply Monitor
Adjustable RESET and Watchdog Timer, 16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable RESET and Tolerance, 16-Lead SSOP Package, Margining Functions
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package, Ultralow Voltage Reset
LTC2904
3-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 Package
LTC2905
3-State Programmable Precision Dual Supply Monitor
Adjustable RESET and Tolerance, 8-Lead SOT-23 Package
LTC2906
Precision Dual Supply Monitor 1-Selectable and
One Adjustable
Separate VCC Pin, RST/RST Outputs
LTC2907
Precision Dual Supply Monitor 1-Selectable and
One Adjustable
Separate VCC, Adjustable Reset Timer
LTC2908
Precision Six Supply Monitor (Four Fixed and Two
Adjustable)
8-Lead SOT-23 and DDB Packages
LTC2909
Prevision Dual Input UV, OV and Negative Voltage
Monitor
2 ADJ Inputs, Monitors Negative Voltages
LTC2912
Single UV/OV Positive Voltage Monitor
Separate VCC Pin, 8-Lead TSOT and 3mm × 2mm DFN Packages
LTC2913
Dual UV/OV Positive Voltage Monitor
Separate VCC Pin, 10-Lead MSOP and 3mm × 3mm DFN Packages
LTC2914
Quad UV/OV Positive/Negative Voltage Monitor
Separate VCC Pin, 16-Lead SSOP and 5mm × 2mm DFN Packages
Dual OV/UV ±10% Supply and 75°C/125°C OT/OT Remote Temperature Monitor
ASIC/
CPU/
FPGA
VH1
VL1
VH2
VL2
D+
D–
LTC2995
194k
64.4k
2.5V
1.2V
45.3k
2995 TA06
VT1
VT2
VREF
+10%
–10%
GND
TMR
45.3k
10.2k
10.2k
VPTAT
TO2
TO1
OV
UV
VCC
PS
DS
0.1μF
5nF
140k
20k
20k
470pF
OT T > 125°C
OT T > 75°C
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com