Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2995 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2995 Datasheet HTML 12Page - Linear Technology LTC2995 Datasheet HTML 13Page - Linear Technology LTC2995 Datasheet HTML 14Page - Linear Technology LTC2995 Datasheet HTML 15Page - Linear Technology LTC2995 Datasheet HTML 16Page - Linear Technology LTC2995 Datasheet HTML 17Page - Linear Technology LTC2995 Datasheet HTML 18Page - Linear Technology LTC2995 Datasheet HTML 19Page - Linear Technology LTC2995 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2995
16
2995f
Timing of Alert Outputs
The LTC2995 has an adjustable timeout period (tUOTO)
that holds UV, OV, TO1 or TO2 asserted after any faults
have cleared. This delay will minimize the effect of input
noise with a frequency above 1/tUOTO.
A voltage monitoring example: When any VH drops below
its threshold, the UV pin asserts low. When all VH inputs
recover above their thresholds, the output timer starts. If
all inputs remain above their thresholds when the timer
finishes, the UV pin weakly pulls high. However, if any
input falls below its threshold during this timeout period,
the timer resets and restarts when all inputs are again
above the thresholds.
A temperature monitoring example: Tying PS to VCC
configures TO2 as overtemperature output. In case of
an overtemperature condition pin TO2 asserts low. The
output timer starts when the temperature crosses back
below the threshold minus the temperature hysteresis If
the temperature remains below the threshold, the timer
finishes and pin TO2 releases high.
Selecting the Timing Capacitor
The timeout period (tUOTO) for the LTC2995 is adjustable in
order to accommodate a variety of applications. Connect-
ing a capacitor, CTMR, between the TMR pin and ground
sets the timeout period. The value of capacitor needed for
a particular timeout period is:
CTMR =
tUOTO –0.5ms
8[ms / nF]
The Reset Timeout Period vs Capacitance graph found in
the Typical Performance Characteristics section shows the
desired delay time as a function of the value of the timer
capacitor that should be used. Leaving the TMR pin open
with no external capacitor generates a timeout period of
approximately 500μs. For long timeout periods, the only
limitation is the availability of a large value capacitor with
low leakage. Capacitor leakage current must not exceed
the minimum TMR charging current of 1.5μA.
Tying the TMR pin to VCC will bypass the timeout period
and no delay will occur.
Digital Output Characteristics
The DC characteristics of the UV, OV, TO1 and TO2 pull-up
and pull-down strength are shown in the Typical Perfor-
mance Characteristics section. Each pin has a weak 400kΩ
internal pull-up to VCC and a strong pull-down to ground
and can be pulled above VCC.
This arrangement allows these pins to have open-drain
behavior while possessing several other beneficial char-
acteristics. The weak pull-up eliminates the need for an
external pull-up resistor when the rise time on the pin is
not critical. On the other hand, the open drain configuration
allows for wired-OR connections and can be useful when
more than one signal needs to pull-down on the output.
At VCC = 1V, the weak pull-up current is barely turned on.
Therefore, an external pull-up resistor of no more than
100k is recommended on the pin if the state and pull-up
strength of the pin is crucial at very low VCC.
Note however, by adding an external pull-up resistor, the
pull-up strength on the pin is increased. Therefore, if it
is connected in a wired-OR connection, the pull-down
strength of any single device needs to accommodate this
additional pull-up strength.
Output Rise and Fall Time Estimation
The UV, OV, TO1 and TO2 outputs have strong pull-down
capability. The following formula estimates the output fall
time (90% to 10%) for a particular external load capaci-
tance (CLOAD):
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-down
transistor estimated to be typically 40Ω at VDD > 1V and
at room temperature (25°C), and CLOAD is the external
load capacitance on the pin. Assuming a 150pF load
capacitance, the fall time is about 13ns. The rise time on
the UV, OV, TO1 and TO2 pins is limited by a 400k pull-up
resistance to VDD. A similar formula estimates the output
rise time (10% to 90%):
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the pull-up resistance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com