Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1674 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1674
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1674 Datasheet HTML 15Page - Linear Technology LT1674 Datasheet HTML 16Page - Linear Technology LT1674 Datasheet HTML 17Page - Linear Technology LT1674 Datasheet HTML 18Page - Linear Technology LT1674 Datasheet HTML 19Page - Linear Technology LT1674 Datasheet HTML 20Page - Linear Technology LT1674 Datasheet HTML 21Page - Linear Technology LT1674 Datasheet HTML 22Page - Linear Technology LT1674 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC3109
19
3109fa
TYPICAL APPLICATIONS
Energy Harvester Operates from Small Temperature Differentials of Either Polarity
GND
1μF
5.25V
2.2V
LTC3109
3.3V
CSTORE
3109 TA02
C1A
1nF
2.2μF
470pF
1nF
470pF
T1
1:100
TEG
(THERMOELECTRIC GENERATOR)
±30mV TO ±500mV
••
T2
1:100
••
VOUT2
C2A
C1B
C2B
SWB
VINB
VS1
VS2
T1, T2: COILCRAFT LPR6235-752SML
SWA
VINA
VOUT
VLDO
PG00D
VOUT2_EN
VSTORE
VAUX
+
470μF
OPTIONAL SWITCHED OUTPUT FOR SENSORS
+
μP
LOW POWER
RADIO
SENSOR(S)
Li-Ion Battery Charger and LDO Operates from a Low Level AC Input
GND
1μF
2.2V
LTC3109
3109 TA03
C1A
1nF
Li-Ion
BATTERY
*THE LTC4070 IS A PRECISION BATTERY
CHARGER OFFERING UNDERVOLTAGE
PROTECTION, WITH A TYPICAL SUPPLY
CURRENT OF ONLY 0.45μA
FAIRCHILD
FDG328P
470pF
60Hz
1nF
470pF
T1
1:100
50mV TO
300mV RMS
T2
1:100
••
••
VOUT2
C2A
C1B
C2B
SWB
VINB
T1, T2: COILCRAFT
LPR6235-752SML
VS1
VS2
SWA
VINA
VOUT
VLDO
VLDO
TO LOAD
4.1V
NC
2.2μF
PG00D
VOUT2_EN
VSTORE
VAUX
+
AC
LBO
NTC
VCC
ADJ
NC
NC
NC
HBO
DRV
NTCBIAS
LTC4070*
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com