Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1674 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1674
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1674 Datasheet HTML 2Page - Linear Technology LT1674 Datasheet HTML 3Page - Linear Technology LT1674 Datasheet HTML 4Page - Linear Technology LT1674 Datasheet HTML 5Page - Linear Technology LT1674 Datasheet HTML 6Page - Linear Technology LT1674 Datasheet HTML 7Page - Linear Technology LT1674 Datasheet HTML 8Page - Linear Technology LT1674 Datasheet HTML 9Page - Linear Technology LT1674 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3109
6
3109fa
LDO Step Load Response
Enable Input and VOUT2
Running on Storage Capacitor
PIN FUNCTIONS (QFN/SSOP)
VSTORE (Pin 1/Pin 3): Output for the Storage Capacitor or
Battery. A large storage capacitor may be connected from
this pin to GND for powering the system in the event the
input voltage is lost. It will be charged up to the maximum
VAUX clamp voltage. If not used, this pin should be left
open or tied to VAUX.
VAUX (Pin 2/Pin 4): Output of the Internal Rectifier Cir-
cuit and VCC for the IC. Bypass VAUX with at least 1μF of
capacitance to ground. An active shunt regulator clamps
VAUX to 5.25V (typical).
VOUT (Pin 3/Pin 5): Main Output of the Converter. The
voltage at this pin is regulated to the voltage selected by
VS1 and VS2 (see Table 1). Connect this pin to a reservoir
capacitor or to a rechargeable battery. Any high current
pulse loads must be fed by the reservoir capacitor on
this pin.
VOUT2 (Pin 4/ Pin 6): Switched Output of the Converter.
Connect this pin to a switched load. This output is open
until VOUT_EN is driven high, then it is connected to VOUT
through a 1Ω PMOS switch. If not used, this pin should
be left open or tied to VOUT.
VOUT2_EN (Pin 5/Pin 7): Enable Input for VOUT2. VOUT2
will be enabled when this pin is driven high. There is an
internal 5M pull-down resistor on this pin. If not used,
this pin can be left open or grounded.
PGOOD (Pin 6/Pin 8): Power Good Output. When VOUT
is within 7.5% of its programmed value, this pin will be
pulled up to the LDO voltage through a 1M resistor. If
VOUT drops 9% below its programmed value PGOOD will
go low. This pin can sink up to 100μA.
VLDO (Pin 7/Pin 9): Output of the 2.2V LDO. Connect a
2.2μF or larger ceramic capacitor from this pin to GND.
If not used, this pin should be tied to VAUX.
GND (Pins 8, 11, 16, Exposed Pad Pin 21/Pins 10, 13,
18): Ground Pins. Connect these pins directly to the ground
plane. The exposed pad serves as a ground connection and
as a means of conducting heat away from the die.
VS2 (Pin 20/Pin 2): VOUT Select Pin 2. Connect this
pin to ground or VAUX to program the output voltage
(see Table 1).
VS1 (Pin 19/Pin 1): VOUT Select Pin 1. Connect this
pin to ground or VAUX to program the output voltage
(see Table 1).
Table 1. Regulated Output Voltage Using Pins VS1 and VS2
VS2
VS1
VOUT
GND
GND
2.35V
GND
VAUX
3.3V
VAUX
GND
4.1V
VAUX
VAUX
5.0V
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
VLDO
20mV/DIV
ILDO
5mA/DIV
200μs/DIV
3109 G15
0mA TO 3mA LOAD STEP
CLDO = 2.2μF
1ms/DIV
3109 G16
CH2
VOUT2
1V/DIV
CH1
VOUT2_EN
1V/DIV
10mA LOAD ON VOUT2
COUT = 220μF
5SEC/DIV
3109 G17
CH2, VOUT
1V/DIV
CH1, VIN
50mV/DIV
CH3
VSTORE
1V/DIV
CH4, VLDO
1V/DIV
CSTORE = 470μF
VOUT LOAD = 100μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com