Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1674 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1674
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 2 Page - Linear Technology

  LT1674 Datasheet HTML 1Page - Linear Technology LT1674 Datasheet HTML 2Page - Linear Technology LT1674 Datasheet HTML 3Page - Linear Technology LT1674 Datasheet HTML 4Page - Linear Technology LT1674 Datasheet HTML 5Page - Linear Technology LT1674 Datasheet HTML 6Page - Linear Technology LT1674 Datasheet HTML 7Page - Linear Technology LT1674 Datasheet HTML 8Page - Linear Technology LT1674 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3109
2
3109fa
ABSOLUTE MAXIMUM RATINGS
SWA, SWB, VINA, VINB Voltage .................... –0.3V to 2V
C1A, C1B Voltage ......................................... –0.3V to 6V
C2A, C2B Voltage (Note 6).............................. –8V to 8V
VOUT2, VOUT2_EN .......................................... –0.3V to 6V
VS1, VS2, VOUT, PGOOD .............................. –0.3V to 6V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3109EUF#PBF
LTC3109EUF#TRPBF
3109
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LTC3109IUF#PBF
LTC3109IUF#TRPBF
3109
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LTC3109EGN#PBF
LTC3109EGN#TRPBF
LTC3109GN
20-Lead Plastic SSOP
–40°C to 125°C
LTC3109IGN#PBF
LTC3109IGN#TRPBF
LTC3109GN
20-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
VSTORE
VAUX
VOUT
VOUT2
VOUT2_EN
SWA
VINA
VINB
SWB
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS GND (Note 5)
GN PACKAGE
20-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VS1
VS2
VSTORE
VAUX
VOUT
VOUT2
VOUT2_EN
PGOOD
VLDO
GND
C1A
C2A
GND
SWA
VINA
VINB
SWB
GND
C2B
C1B
TJMAX = 125°C, θJA = 90°C/W
PIN CONFIGURATION
VLDO, VSTORE ............................................ –0.3V to 6V
VAUX...................................................... 15mA Into VAUX
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com