Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3602
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 17Page - Linear Technology LTC3602 Datasheet HTML 18Page - Linear Technology LTC3602 Datasheet HTML 19Page - Linear Technology LTC3602 Datasheet HTML 20Page - Linear Technology LTC3602 Datasheet HTML 21Page - Linear Technology LTC3602 Datasheet HTML 22Page - Linear Technology LTC3602 Datasheet HTML 23Page - Linear Technology LTC3602 Datasheet HTML 24Page - Linear Technology LTC3602 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3613
21
3613fa
APPLICATIONS INFORMATION
TIME
Coincident Tracking
EXTERNAL
SUPPLY
EXTERNAL
SUPPLY
VOUT
VOUT
TIME
3613 F06
Ratiometric Tracking
Figure 6. Two Different Modes of Output Tracking
Figure 7. Setup for Coincident and Ratiometric Tracking
RFB2
EXT. V
RFB1
Coincident Tracking Setup
TO
TRACK/SS
RFB2
VOUT
TO VOSNS
+
RFB1
TO VOSNS
–
R1
EXT. V
R2
R1+ R2
≥
R2
TO
TRACK/SS
RFB2
VOUT
TO VOSNS
+
RFB1
TO VOSNS
–
3613 F07
Ratiometric Tracking Setup
0.6V
EXT. V
Phase and Frequency Synchronization
For applications that require better control of EMI and
switching noise or have special synchronization needs,
the LTC3613 can phase and frequency synchronize the
turn-on of the switching cycle to an external clock signal
applied to the MODE/PLLIN pin. The applied clock signal
needs to be within ±30% of the RT pin programmed free-
running frequency to assure proper frequency and phase
lock. The clock signal levels should generally comply to VIH
> 2V and VIL < 0.5V. The MODE/PLLIN pin has an internal
600k pull-down resistor to ensure pulse-skipping mode
if the pin is left floating.
The LTC3613 uses the voltages on SVIN and VOUT pins as
well as the RT programmed frequency to determine the
steady-state on-time as follows:
tON ≈
VOUT
VIN • f
An internal PLL system adjusts this on-time dynamically
in order to maintain phase and frequency lock with the
external clock. The LTC3613 will maintain phase and fre-
quency lock under steady-state conditions for VIN, VOUT
and load current.
As shown in the previous equation, the on-time is a
function of the switching regulator’s output. This output
is measured by the VOUT pin and is used to calculate the
required on-time. Therefore, simply connecting VOUT to
the regulator’s local output point is preferable for most
applications. However, there could be applications where
the internally calculated on-time differs significantly from
the real on-time required by the application. For example,
if there are differences between the local output point and
the remotely regulated output point due to line losses, then
the internally calculated on-time will be inaccurate. Lower
efficiencies in the switching regulator can also cause the
real on-time to be significantly different from the internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com