Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3602
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 5 Page - Linear Technology

  LTC3602 Datasheet HTML 1Page - Linear Technology LTC3602 Datasheet HTML 2Page - Linear Technology LTC3602 Datasheet HTML 3Page - Linear Technology LTC3602 Datasheet HTML 4Page - Linear Technology LTC3602 Datasheet HTML 5Page - Linear Technology LTC3602 Datasheet HTML 6Page - Linear Technology LTC3602 Datasheet HTML 7Page - Linear Technology LTC3602 Datasheet HTML 8Page - Linear Technology LTC3602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3613
5
3613fa
TYPICAL PERFORMANCE CHARACTERISTICS
Transient Response:
Pulse-Skipping Mode
Load Step: Pulse-Skipping Mode
Load Release:
Pulse-Skipping Mode
Normal Soft Start-Up
Soft Start-Up into
a Pre-Biased Output
Output Tracking
Transient Response:
Forced Continuous Mode
Load Step:
Forced Continuous Mode
Load Release:
Forced Continuous Mode
ILOAD
10A/DIV
VOUT
100mV/DIV
40μs/DIV
3613 G01
LOAD TRANSIENT = 0A TO 15A
VIN = 12V, VOUT = 1.5V
FIGURE 10 CIRCUIT
IL
10A/DIV
ILOAD
10A/DIV
VOUT
100mV/DIV
10μs/DIV
3613 G02
LOAD STEP = 0A TO 15A
VIN = 12V, VOUT = 1.5V
FIGURE 10 CIRCUIT
IL
10A/DIV
ILOAD
10A/DIV
VOUT
100mV/DIV
10μs/DIV
3613 G03
LOAD RELEASE = 15A TO 0A
VIN = 12V, VOUT = 1.5V
FIGURE 10 CIRCUIT
IL
10A/DIV
ILOAD
10A/DIV
VOUT
100mV/DIV
40μs/DIV
3613 G04
LOAD TRANSIENT = 500mA TO 15A
VIN = 12V, VOUT = 1.5V
FIGURE 10 CIRCUIT
IL
10A/DIV
ILOAD
10A/DIV
VOUT
100mV/DIV
10μs/DIV
3613 G05
LOAD STEP = 500mA TO 15A
VIN = 12V, VOUT = 1.5V
FIGURE 10 CIRCUIT
IL
10A/DIV
ILOAD
10A/DIV
VOUT
100mV/DIV
10μs/DIV
3613 G06
LOAD RELEASE = 15A TO 500mA
VIN = 12V, VOUT = 1.5V
FIGURE 10 CIRCUIT
IL
10A/DIV
VIN
5V/DIV
TRACK/SS
500mV/DIV
4ms/DIV
3613 G07
VIN = 12V
VOUT = 1.5V
FIGURE 10 CIRCUIT
VOUT
1V/DIV
TRACK/SS
500mV/DIV
2ms/DIV
3613 G08
VIN = 12V
VOUT = 1.5V
FIGURE 10 CIRCUIT
VOUT
1V/DIV
VIN
5V/DIV
VOUT PRE-BIASED TO 0.75V
TRACK/SS
500mV/DIV
10ms/DIV
3613 G09
VIN = 12V
VOUT = 1.5V
FIGURE 10 CIRCUIT
VOUT
1V/DIV
TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com