Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3602
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 1 Page - Linear Technology

  LTC3602 Datasheet HTML 1Page - Linear Technology LTC3602 Datasheet HTML 2Page - Linear Technology LTC3602 Datasheet HTML 3Page - Linear Technology LTC3602 Datasheet HTML 4Page - Linear Technology LTC3602 Datasheet HTML 5Page - Linear Technology LTC3602 Datasheet HTML 6Page - Linear Technology LTC3602 Datasheet HTML 7Page - Linear Technology LTC3602 Datasheet HTML 8Page - Linear Technology LTC3602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3613
1
3613fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
24V, 15A Monolithic
Step Down Regulator with
Differential Output Sensing
The LTC®3613 is a monolithic synchronous step-down
switching regulator capable of regulating outputs from 0.6V
to 5.5V with up to 15A output current. The controlled on-time
constantfrequencyvalleycurrentmodearchitectureallowsfor
both fast transient response and constant frequency switch-
ing in steady-state operation, independent of VIN, VOUT and
load. This also provides excellent current sharing capability.
Differential output voltage sensing along with a precision
internal reference combine to offer ±0.67% output regula-
tion, even if the output ground reference deviates from
local ground by 500mV. The switching frequency can be
programmed from 200kHz to 1MHz with an external resis-
tor. The switching frequency is also phase synchronizable
to an external clock in applications where switching noise/
EMI reduction is crucial.
Very low tONandtOFFtimesallowfornear0%andnear100%
duty cycles, respectively. Voltage tracking soft start-up is
providedfortrackingandsequencingapplications.Safetyfea-
tures include output overvoltage protection, programmable
current limit with foldback, and power good monitoring.
High Efficiency High Power Step-Down Converter
Efficiency and Power Loss
vs Load Current
APPLICATIONS
n Wide VIN Range: 4.5V to 24V;
VOUT Range: 0.6V to 5.5V at up to 15A
n 0.67% Output Voltage Accuracy
n Controlled On-Time Valley Current Mode Architecture,
Excellent Current Sharing Capability
n Frequency Programmable from 200kHz to 1MHz
and Synchronizable to External Clock
n RSENSE or Inductor DCR Current Sensing With
Accurate Current Limit
n Fast Transient Response
n Differential Output Voltage Sensing Allowing 500mV
Common Mode Remote Ground
n tON(MIN) = 65ns; tOFF(MIN) = 105ns
n Overvoltage Protection and Current Limit Foldback
n Power Good Output Voltage Monitor
n Voltage Tracking Start-Up
n External VCC Input for Bypassing Internal LDO
n Micropower Shutdown: IQ = 15μA
n 7mm × 9mm 56-pin QFN Package
n Distributed Power System
n Point-of-Load Converters
n Servers
VRNG
SVIN
PVIN
MODE/PLLIN
VOUT
PGOOD
RUN
SENSE–
SENSE+
100k
10Ω
10Ω
INTVCC
LTC3613
15k
10k
330μF
×2
0.47μH
1.5mΩ
0.1μF
4.7μF
82μF
VOUT
1.5V
15A
3613 TA01
VIN
4.5V TO 24V
0.1μF
1000pF
TRACK/SS
ITH
RT
115k
270pF
47pF
0.1μF
21k
EXTVCC
SGND
BOOST
SW
INTVCC
PGND
VOSNS
+
VOSNS
–
+
+
L, LT, LTC, LTM, OPTI-LOOP, Linear Technology and the Linear logo are registered trademarks
and Hot Swap and No RSENSE is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents including
5481178, 5487554, 6580258, 6304066, 6476589, 6774611.
LOAD CURRENT (A)
0.01
0
10
20
30
40
50
60
70
80
90
100
0.1
1
3613 TA01a
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
VIN = 12V
VOUT = 1.5V
PULSE-SKIPPING MODE
FORCED
CONTINUOUS
MODE


Similar Part No. - LTC3602

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3602 LINER-LTC3602 Datasheet
238Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3602

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
Monolithic 600mA Step-Down Regulator
August 16, 2005
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
Monolithic 350mA Step-Down Regulator
August 16, 2005
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
Monolithic 2A Step-Down Regulator
logo
Linear Technology
LTC3613 LINER-LTC3613_15 Datasheet
458Kb / 36P
24V, 15A Monolithic Step Down Regulator with Differential Output Sensing
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
Monolithic 2A Step-Down Regulator
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com