Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4253
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 3 Page - Linear Technology

  LTC4253 Datasheet HTML 1Page - Linear Technology LTC4253 Datasheet HTML 2Page - Linear Technology LTC4253 Datasheet HTML 3Page - Linear Technology LTC4253 Datasheet HTML 4Page - Linear Technology LTC4253 Datasheet HTML 5Page - Linear Technology LTC4253 Datasheet HTML 6Page - Linear Technology LTC4253 Datasheet HTML 7Page - Linear Technology LTC4253 Datasheet HTML 8Page - Linear Technology LTC4253 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
3
425212fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
LTC4252-1/-2
LTC4252A-1/-2
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VZ
VIN – VEE Zener Voltage
IIN = 2mA
l 11.5
13
14.5
11.5
13
14.5
V
rZ
VIN – VEE Zener Dynamic Impedance
IIN = 2mA to 30mA
5
5
Ω
IIN
VIN Supply Current
UV = OV = 4V, VIN = (VZ – 0.3V)
●
0.8
2
0.9
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (Rising VIN)
●
9.2
11.5
9
10
V
VLKH
VIN Undervoltage Lockout Hysteresis
1
0.5
V
VCB
Circuit Breaker Current Limit Voltage
VCB = (VSENSE – VEE)
●
40
50
60
45
50
55
mV
VACL
Analog Current Limit Voltage
VACL = (VSENSE – VEE),
SS = Open or 2.2V
●
80
100
120
mV
VACL/
VCB
Analog Current Limit Voltage/
Circuit Breaker Voltage
VACL = (VSENSE – VEE),
SS = Open or 1.4V
●
1.05
1.20
1.38
V/V
VFCL
Fast Current Limit Voltage
VFCL = (VSENSE – VEE)
●
150
200
300
150
200
300
mV
VSS
SS Voltage
After End of SS Timing Cycle
2.2
1.4
V
RSS
SS Output Impedance
100
50
kΩ
ISS
SS Pin Current
UV = OV = 4V, VSENSE = VEE,
VSS = 0V (Sourcing)
22
28
μA
UV = OV = 0V, VSENSE = VEE,
VSS = 2V (Sinking)
28
28
mA
VOS
Analog Current Limit Offset Voltage
10
10
mV
VACL+VOS/
VSS
Ratio (VACL + VOS) to SS Voltage
0.05
0.05
V/V
IGATE
GATE Pin Output Current
UV = OV = 4V, VSENSE = VEE,
VGATE = 0V (Sourcing)
●
40
58
80
40
58
80
μA
UV = OV = 4V, VSENSE – VEE = 0.15V,
VGATE = 3V (Sinking)
17
17
mA
UV = OV = 4V, VSENSE – VEE = 0.3V,
VGATE = 1V (Sinking)
190
190
mA
VGATE
External MOSFET Gate Drive
VGATE – VEE, IIN = 2mA
●
10
12
VZ
10
12
VZ
V
VGATEH
Gate High Threshold
VGATEH = VIN – VGATE, IIN = 2mA,
for PWRGD Status (MS Only)
2.8
2.8
V
VGATEL
Gate Low Threshold
(Before Gate Ramp-Up)
0.5
0.5
V
VUVHI
UV Pin Threshold HIGH
● 3.075 3.225 3.375
V
VUVLO
UV Pin Threshold LOW
● 2.775 2.925 3.075
V
VUV
UV Pin Threshold
Low-to-High Transition
●
3.05
3.08
3.11
V
VUVHST
UV Pin Hysteresis
(● for LTC4252A Only)
●
300
292
324
356
mV
VOVHI
OV Pin Threshold HIGH
●
5.85
6.15
6.45
V
VOVLO
OV Pin Threshold LOW
●
5.25
5.55
5.85
V
VOV
OV Pin Threshold
Low-to-High Transition
●
5.04
5.09
5.14
V
VOVHST
OV Pin Hysteresis
(● for LTC4252A Only)
●
600
82
102
122
mV
ISENSE
SENSE Pin Input Current
UV = OV = 4V, VSENSE = 50mV
●
–15
–30
–15
–30
μA
IINP
UV, OV Pin Input Current
UV = OV = 4V
●
± 0.1
±1
± 0.1
±1
μA
VTMRH
TIMER Pin Voltage High Threshold
4
4
V
VTMRL
TIMER Pin Voltage Low Threshold
1
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com