Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4253
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 28Page - Linear Technology LTC4253 Datasheet HTML 29Page - Linear Technology LTC4253 Datasheet HTML 30Page - Linear Technology LTC4253 Datasheet HTML 31Page - Linear Technology LTC4253 Datasheet HTML 32Page - Linear Technology LTC4253 Datasheet HTML 33Page - Linear Technology LTC4253 Datasheet HTML 34Page - Linear Technology LTC4253 Datasheet HTML 35Page - Linear Technology LTC4253 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
32
425212fd
APPLICATIONS INFORMATION
UV/OV
VEE
VIN
SENSE
SS
TIMER
GATE
DRAIN
LTC4252-1
R1
402k
R2
32.4k
CT
0.33μF
CSS
68nF
CC1
22nF
RC1
10Ω
Q1
IRF530S
RS
0.02Ω
RIN1
3
× 1.8k IN SERIES
1/4W EACH
1
7
8
2
6
5
3
4
C1
10nF
CIN
1μF
Hot Swap SECTION
DIODE-OR CIRCUIT FOR CHANNEL A
–48RTN
–48V A
RD
1M
LOAD
MODULE
UV
VEE
VIN
SENSE
OV
R5
560Ω
SS
TIMER
PWRGD
GATE
DRAIN
LTC4252-2
1
9
2
10
Q6
FDV301N
Q5
FDV301N
Q2
IRF530S
Q4
BSS131
CIN2
1μF
RIN2
3
× 1.8k IN SERIES
1/4W EACH
3
8
7
4
6
5
RC2
10μ
R3
12k
R4
150Ω
CC2
22nF
DIODE-OR CIRCUIT FOR CHANNEL B
–48V B
UV
VEE
VIN
SENSE
OV
R8
560Ω
SS
TIMER
PWRGD
GATE
DRAIN
LTC4252-2
1
9
2
10
Q9
FDV301N
Q8
FDV301N
Q3
IRF530S
Q7
BSS131
CIN3
1μF
RIN3
3
× 1.8k IN SERIES
1/4W EACH
3
8
7
4
6
5
RC3
10Ω
R6
12k
R7
150Ω
CC3
22nF
425212 F22
DIN1
†
DDZ13B**
DIN3
†
DDZ13B**
DIN2
†
DDZ13B**
**DIODES, INC
†
RECOMMENDED FOR HARSH ENVIRONMENTS
Figure 22. –48V/2.5A Diode-OR Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com