Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4253
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 2Page - Linear Technology LTC4253 Datasheet HTML 3Page - Linear Technology LTC4253 Datasheet HTML 4Page - Linear Technology LTC4253 Datasheet HTML 5Page - Linear Technology LTC4253 Datasheet HTML 6Page - Linear Technology LTC4253 Datasheet HTML 7Page - Linear Technology LTC4253 Datasheet HTML 8Page - Linear Technology LTC4253 Datasheet HTML 9Page - Linear Technology LTC4253 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
6
425212fd
TYPICAL PERFORMANCE CHARACTERISTICS
VOS vs Temperature
(VACL + VOS)/VSS vs Temperature
IGATE (Sourcing) vs Temperature
IGATE (ACL, Sinking)
vs Temperature
IGATE (FCL, Sinking)
vs Temperature
VGATE vs Temperature
VSS vs Temperature
RSS vs Temperature
ISS (Sinking) vs Temperature
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G26
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G28
110
108
106
104
102
100
98
96
94
92
90
TEMPERATURE (°C)
–55 –35 –15
0
5
15
20
25
65
85 105
45
425212 G39
10
5
25
45
125
30
35
40
UV = OV = VSENSE = VEE
IIN = 2mA
VSS = 2V
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G29
11.0
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G30
0.060
0.058
0.056
0.054
0.052
0.050
0.048
0.046
0.044
0.042
0.040
TEMPERATURE (C)
–55
70
65
60
55
50
45
40
–15
25
45
125
425212 G10
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE = VEE
VGATE = 0V
TEMPERATURE (°C)
–55
30
25
20
15
10
5
0
–15
25
45
125
425212 G11
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE – VEE = 0.15V
VGATE = 3V
TEMPERATURE (°C)
–55
400
350
300
250
200
150
100
50
0
–15
25
45
125
425212 G12
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE – VEE = 0.3V
VGATE = 1V
TEMPERATURE (°C)
–55
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
–15
25
45
125
425212 G13
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE = VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com