Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 1 Page - Linear Technology

  LTC4264 Datasheet HTML 1Page - Linear Technology LTC4264 Datasheet HTML 2Page - Linear Technology LTC4264 Datasheet HTML 3Page - Linear Technology LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LTC4278
1
4278fc
•
•
•
•
12mΩ
1µF
30.9
24k
1.8k
38.3k
100k
12k
0.1µF
33pF
0.1µF
2.2nF
1µF
tON
SYNC
PGDLY
UVLO PWRGD
SENSE–
VCMP
SENSE+
RCMP
VNEG
RCLASS
SHDN
VPORTP
VPORTN
ENDLY
OSC
LTC4278
GND
FB
VCC
SG
PG
CCMP
TO MICRO
CONTROLLER
•
47µF
0.18µH
5V
4.5A
100µF
+
+
3.01k
21.5k
T2P
46.4k
294k
10µF
10µF
8.2µH
EPC3472G-LF
FDMS2572
HAT2169
54V FROM
DATA PAIR
AUXILIARY
SUPPLY
(10V TO 57V)
54V FROM
SPARE PAIR
+
–
+
–
~
~
4278 TA01a
BSS63
PDS5100H
B1100
+
–
~
~
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
IEEE 802.3at PD with
Synchronous No-Opto Flyback
Controller and 12V Aux Support
The LTC®4278 is an integrated Powered Device (PD) con-
troller and switching regulator intended for high power
IEEE 802.3at and 802.3af applications. With a wide input
voltage range, the LTC4278 is specifically designed to sup-
port PD applications that include a low-voltage auxiliary
power input such as a 12V wall adaptor. The inclusion of
a shutdown pin provides simple implementation of both
PoE and auxiliary dominate applications. In addition, the
LTC4278supportsboth1-eventand2-eventclassifications
as defined by the IEEE, thereby allowing the use in a wide
range of product configurations.
TheLTC4278synchronous,currentmode,flybackcontrol-
ler generates multiple supply rails in a single conversion
stepprovidingforthehighestsystemefficiencywhilemain-
taining tight regulation across all outputs. The LTC4278
includes Linear Technology’s patented No-Opto feedback
topology to provide full IEEE 802.3 isolation without the
need of an opto-isolator circuit. A true soft-start function
allows graceful ramp-up of all output voltages.
The LTC4278 is available in a space saving 32-lead DFN
package.
n
25.5W IEEE 802.3at Compliant (Type 2) PD
n
10V to 57V Auxiliary Power Input
n
Shutdown Pin for Flexible Auxiliary Power Support
n
Integrated State-of-the-Art No-Opto Synchronous
Flyback Controller
– Isolated Power Supply Efficiency >92%
– 88% Efficiency Including Diode Bridge and
Hot Swap™ FET
n
Superior EMI Performance
n
Robust 100V 0.7Ω (Typ) Integrated Hot Swap MOSFET
n
IEEE 802.3at
High Power Available Indicator
n
Integrated Signature Resistor and Programmable
Class Current
n
Undervoltage, Overvoltage and Thermal Protection
n
Short-Circuit Protection with Auto-Restart
n
Programmable Soft-Start and Switching Frequency
n
Complementary Power Good Indicators
n
Thermally Enhanced 7mm × 4mm DFN Package
n
VoIP Phones with Advanced Display Options
n
Dual-Radio Wireless Access Points
n
PTZ Security Cameras
n
RFID Readers
n
Industrial Controls
25W PD Solution with 12V Auxiliary
L
, LT, LTC, LTM, Linear Technology, SwitcherCAD and the Linear logo are registered
trademarks and Hot Swap and ThinSOT are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5841643.


Similar Part No. - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
308Kb / 24P
High Power PD Interface Controller with 750mA Current Limit
LTC4264 LINER-LTC4264 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4264CDE LINER-LTC4264CDE Datasheet
308Kb / 24P
High Power PD Interface Controller with 750mA Current Limit
LTC4264IDE LINER-LTC4264IDE Datasheet
308Kb / 24P
High Power PD Interface Controller with 750mA Current Limit
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
High Power PD Interface Controller with 750mA Current Limit
More results

Similar Description - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3825 LINER-LT3825 Datasheet
350Kb / 32P
Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT3825 LINER-LT3825_15 Datasheet
386Kb / 32P
Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
High Power PD With Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
High Power PD With Synchronous No-Opto Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com