Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 5 Page - Linear Technology

  LTC4264 Datasheet HTML 1Page - Linear Technology LTC4264 Datasheet HTML 2Page - Linear Technology LTC4264 Datasheet HTML 3Page - Linear Technology LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LTC4278
5
4278fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Pins with 100V absolute maximum guaranteed for T ≥ 0°C,
otherwise 90V.
Note 3: Active high PWRGD internal clamp self-regulates to 14V with
respect to VNEG.
Note 4: All voltages are with respect to VPORTN pin unless otherwise noted.
Note 5: Input voltage specifications are defined with respect to LTC4278
pins and meet IEEE 802.3af/at specifications when the input diode bridge
is included.
Note 6: Signature resistance is measured via the ∆V/∆I method with the
minimum ∆V of 1V. The LTC4278 signature resistance accounts for the
additional series resistance in the input diode bridge.
Note 7: An invalid signature after the 1st classification event is mandated
by the IEEE802.3at standard. See the Applications Information section.
Note 8: Class accuracy is with respect to the ideal current defined as
1.237/RCLASS and does not include variations in RCLASS resistance.
Note 9: This parameter is assured by design and wafer level testing.
Note 10: VCC = 14V; PG, SG Open; VCMP = 1.4V, VSENSE– = 0V, RCMP = 1k,
RtON = 90k, RPGDLY = 27.4k, RENDLY = 90k, unless otherwise specified. All
voltages are with respect to GND.
Note 11: Supply current does not include gate charge current to the
MOSFETs. See the Applications Information section.
Note 12: Component value range guaranteed by design.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Compensation
Load Compensation to VSENSE Offset
Voltage
VRCMP with VSENSE+ = 0V
0.8
mV
Feedback Pin Load Compensation Current
VSENSE+ = 20mV, VFB = 1.230V
20
µA
UVLO Function
UVLO Pin Threshold (VUVLO)
l
1.215
1.240
1.265
V
UVLO Pin Bias Current
VUVLO = 1.2V
VUVLO = 1.3V
–0.25
–4.50
0.1
–3.4
0.25
–2.50
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com