Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 29Page - Linear Technology LTC4264 Datasheet HTML 30Page - Linear Technology LTC4264 Datasheet HTML 31Page - Linear Technology LTC4264 Datasheet HTML 32Page - Linear Technology LTC4264 Datasheet HTML 33Page - Linear Technology LTC4264 Datasheet HTML 34Page - Linear Technology LTC4264 Datasheet HTML 35Page - Linear Technology LTC4264 Datasheet HTML 36Page - Linear Technology LTC4264 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
LTC4278
33
4278fc
In further contrast to traditional current mode switch-
ers, VCMP pin ripple is generally not an issue with the
LTC4269-1. The dynamic nature of the clamped feedback
amplifier forms an effective track/hold type response,
whereby the VCMP voltage changes during the flyback
pulse, but is then held during the subsequent switch-on
portion of the next cycle. This action naturally holds the
VCMP voltage stable during the current comparator sense
action (current mode switching).
Application Note 19 provides a method for empirically
tweaking frequency compensation. Basically, it involves
introducing a load current step and monitoring the
response.
Slope Compensation
The LTC4278 incorporates current slope compensation.
Slope compensation is required to ensure current loop
stabilitywhentheDCisgreaterthan50%.Insomeswitching
regulators,slopecompensationreducesthemaximumpeak
current at higher duty cycles. The LTC4278 eliminates this
problembyhavingcircuitrythatcompensatesfortheslope
compensation so that maximum current sense voltage is
constant across all duty cycles.
Minimum Load Considerations
At light loads, the LTC4278 derived regulator goes into
forced continuous conduction mode. The primary-side
switch always turns on for a short time as set by the
tON(MIN) resistor. If this produces more power than the
load requires, power will flow back into the primary dur-
ing the off period when the synchronization switch is on.
This does not produce any inherently adverse problems,
although light load efficiency is reduced.
Maximum Load Considerations
The current mode control uses the VCMP node voltage and
amplified sense resistor voltage as inputs to the current
comparator.Whentheamplifiedsensevoltageexceedsthe
VCMP node voltage, the primary-side switch is turned off.
In normal use, the peak switch current increases while
FB is below the internal reference. This continues until
VCMP reaches its 2.56V clamp. At clamp, the primary-side
MOSFET will turn off at the rated 100mV VSENSE level. This
repeats on the next cycle.
It is possible for the peak primary switch currents as
referred across RSENSE to exceed the max 100mV rating
because of the minimum switch on time blanking. If the
voltage on VSENSE exceeds 205mV after the minimum
turn-on time, the SFST capacitor is discharged, causing
the discharge of the VCMP capacitor. This then reduces
the peak current on the next cycle and will reduce overall
stress in the primary switch.
Short-Circuit Conditions
Loss of current limit is possible under certain conditions
such as an output short-circuit. If the duty cycle exhibited
by the minimum on-time is greater than the ratio of
secondary winding voltage (referred-to-primary) divided
by input voltage, then peak current is not controlled at
the nominal value. It ratchets up cycle-by-cycle to some
higher level. Expressed mathematically, the requirement
to maintain short-circuit control is:
DCMIN = tON(MIN) • fOSC <
ISC • RSEC + RDS(ON)
(
)
VIN •NSP
where:
tON(MIN) is the primary-side switch minimum on-time
ISC is the short-circuit output current
NSP is the secondary-to-primary turns ratio (NSEC/NPRI)
(other variables as previously defined)
Trouble is typically encountered only in applications with
a relatively high product of input voltage times secondary
to primary turns ratio and/or a relatively long minimum
switchontime.Additionally,severalrealworldeffectssuch
as transformer leakage inductance, AC winding losses and
output switch voltage drop combine to make this simple
theoretical calculation a conservative estimate. Prudent
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com