Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBJ41HE4BDFD Datasheet(PDF) 7 Page - Elpida Memory

Part # EBJ41HE4BDFD
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFD Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBJ41HE4BDFD Datasheet HTML 3Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 4Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 5Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 6Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFD Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
7
-AE
-DJ
Byte No.
Function described
Hex
Comments
Hex
Comments
60
Module nominal height
10h
30 < height ≤ 31mm
10h
30 < height ≤ 31mm
61
Module maximum thickness
33h
Dual sides w/HS
33h
Dual sides w/HS
62
Reference raw card used
24h
Row Card E1
24h
Row Card E1
63
DIMM Module Attributes
09h
2 rows/1 register
09h
2 rows/1 register
64
Heat Spreader Solution
80h
Incorporated
80h
Incorporated
65
Register Vendor ID, LSB
(IDT)
80h
—
80h
—
(Montage)
86h
—
86h
—
(Inphi)
04h
—
04h
—
66
Register Vendor ID, MSB
(IDT)
B3h
—
B3h
—
(Montage)
32h
—
32h
—
(Inphi)
B3h
—
B3h
—
67
Register Revision
(IDT)
61h
—
61h
—
(Montage)
05h
—
05h
—
(Inphi)
11h
—
11h
—
68
Register Type
00h
SSTE32882
00h
SSTE32882
69
Register Control Word Functions (RC1, 0)
00h
Default
00h
Default
70
Register Control Word Functions (RC3, 2)
50h
Default
50h
Default
71
Register Control Word Functions (RC5, 4)
55h
Default
55h
Default
72
Register Control Word Functions (RC7, 6)
00h
Default
00h
Default
73
Register Control Word Functions (RC9, 8)
00h
Default
00h
Default
74
Register Control Word Functions (RC11, 10)
00h
Default
00h
Default
75
Register Control Word Functions (RC13, 12)
00h
Default
00h
Default
76
Register Control Word Functions (RC15, 14)
00h
Default
00h
Default
77 to 116
Reserved
00h
—
00h
—
117
Module ID: manufacturer’s JEDEC ID code, LSB
02h
Elpida Memory
02h
Elpida Memory
118
Module ID: manufacturer’s JEDEC ID code, MSB
FEh
Elpida Memory
FEh
Elpida Memory
119
Module ID: manufacturing location
××
—
××
—
120
Module ID: manufacturing date
yy
Year code (BCD)
yy
Year code (BCD)
121
Module ID: manufacturing date
ww
Week code (BCD)
ww
Week code (BCD)
122 to 125 Module ID: module serial number
××
—
××
—
126
Cyclical redundancy code (CRC)
(IDT)
35h
—
77h
—
(Montage)
19h
—
5Bh
—
(Inphi)
2Dh
—
6Fh
—
127
Cyclical redundancy code (CRC)
(IDT)
6Ah
—
C3h
—
(Montage)
E2h
—
4Bh
—
(Inphi)
54h
—
FDh
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com